| Electronic Components Datasheet Search |
|
PCF8532 Datasheet(PDF) 24 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8532 Datasheet(HTML) 24 Page - NXP Semiconductors |
|
24 / 49 page ![]() PCF8532 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 2 — 10 February 2011 24 of 49 NXP Semiconductors PCF8532 Universal LCD driver for low multiplex rates After acknowledgement, a control byte follows which defines if the next byte is RAM or command information. The control byte also defines if the next following byte is a control byte or further RAM/command data. In this way it is possible to configure the device then fill the display RAM with little overhead. The command bytes and control bytes are also acknowledged by all addressed PCF8532 connected to the bus. The display bytes are stored in the display RAM at the address specified by the data pointer and the subaddress counter. Both data pointer and subaddress counter are automatically updated and the data is directed to the intended PCF8532 device. The acknowledgement after each byte is made only by the (A0 and A1) addressed PCF8532. After the last (display) byte, the I2C-bus master issues a STOP condition (P). Alternatively a START may be issued to RESTART an I2C-bus access. Fig 17. I2C-bus protocol EXAMPLES a) transmit two bytes of RAM data mgl752 S A 0 S 0 1110 0 0 control byte slave address RAM/command byte RAM DATA M S B L S B A A P R/W = 0 S A 0 S 0 1110 0 0 1 0 A A A P RAM DATA A b) transmit two command bytes COMMAND S A 0 S 0 1110 0 1 0 0 A A A P COMMAND A A c) transmit one command byte and two RAM date bytes COMMAND S A 0 S 0 1110 0 1 0 00 01 0 A A A P RAM DATA A RAM DATA A A C O R S Fig 18. Control byte format mgl753 not relevant CO 7 6 5 4 3 210 RS MSB LSB |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |