Electronic Components Datasheet Search
  English  ▼

X  

PCF8532 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF8532
Description  Universal LCD driver for low multiplex rates
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8532 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF8532 Datasheet HTML 23Page - NXP Semiconductors PCF8532 Datasheet HTML 24Page - NXP Semiconductors PCF8532 Datasheet HTML 25Page - NXP Semiconductors PCF8532 Datasheet HTML 26Page - NXP Semiconductors PCF8532 Datasheet HTML 27Page - NXP Semiconductors PCF8532 Datasheet HTML 28Page - NXP Semiconductors PCF8532 Datasheet HTML 29Page - NXP Semiconductors PCF8532 Datasheet HTML 30Page - NXP Semiconductors PCF8532 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
PCF8532
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 10 February 2011
27 of 49
NXP Semiconductors
PCF8532
Universal LCD driver for low multiplex rates
[1]
Power-on and reset value.
[2]
Normal blinking is assumed when the LCD multiplex drive modes 1:3 or 1:4 are selected.
[3]
Alternate RAM bank blinking does not apply in 1:3 and 1:4 multiplex drive modes.
[1]
Nominal frame frequency calculated for an internal operating frequency of 1.800 kHz.
[2]
Power-on and reset value.
Table 14.
Blink-select command bits description
Bit
Symbol
Value
Description
7 to 3
-
11110
fixed value
2A
blink mode selection
0[1]
normal blinking[2]
1
alternate RAM bank blinking[3]
1 to 0
BF[1:0]
blink frequency selection
00[1]
off
01
1
10
2
11
3
Table 15.
Frame-frequency prescaler
Bit
Symbol
Value
Description
Nominal frame
frequency[1]
Equation
7 to 4
-
11101
fixed value
3 to 0
F[2:0]
division factor definition for the frame frequency
000
60 Hz
001
65 Hz
010
70 Hz
011[2]
75 Hz
100
80 Hz
101
85 Hz
110
90 Hz
111
75 Hz
f
fr
64
80
------
f
clk
24
--------
×
=
f
fr
64
74
------
f
clk
24
--------
×
=
f
fr
64
68
------
f
clk
24
--------
×
=
f
fr
f
clk
24
--------
=
f
fr
64
60
------
f
clk
24
--------
×
=
f
fr
64
56
------
f
clk
24
--------
×
=
f
fr
64
53
------
f
clk
24
--------
×
=
f
fr
f
clk
24
--------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com