Electronic Components Datasheet Search
  English  ▼

X  

LC6529F Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC6529F
Description  4-Bit Microcomputer for Small-Scale Control Applications
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC6529F Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC6529F Datasheet HTML 1Page - Sanyo Semicon Device LC6529F Datasheet HTML 2Page - Sanyo Semicon Device LC6529F Datasheet HTML 3Page - Sanyo Semicon Device LC6529F Datasheet HTML 4Page - Sanyo Semicon Device LC6529F Datasheet HTML 5Page - Sanyo Semicon Device LC6529F Datasheet HTML 6Page - Sanyo Semicon Device LC6529F Datasheet HTML 7Page - Sanyo Semicon Device LC6529F Datasheet HTML 8Page - Sanyo Semicon Device LC6529F Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Summary of Functions
Note: The oscillator constants will be announced once the recommended circuit design has been decided.
No. 5117-2/39
LC6529N, LC6529F, LC6529L
Item
LC6529N
LC6529F
LC6529L
[Memory]
ROM
1024
× 8 bits
1024
× 8 bits
1024
× 8 bits
RAM
64
× 4 bits
64
× 4 bits
64
× 4 bits
Instruction set
51
51
51
[On-board functions]
Timers
4-bit prescaler plus 8-bit
4-bit prescaler plus 8-bit
4-bit prescaler plus 8-bit
programmable counter
programmable counter
programmable counter
Stack levels
4
4
4
Standby mode
HALT instruction places chip
HALT instruction places chip
HALT instruction places chip
on standby.
on standby.
on standby.
Comparators
4 channels (2 reference levels)
4 channels (2 reference levels)
4 channels (2 reference levels)
[I/O ports]
Number of ports
12 bidirectional I/O pins, 4 input pins
12 bidirectional I/O pins, 4 input pins
12 bidirectional I/O pins, 4 input pins
I/O voltage limit
max. 15 V (ports A, C, and D)
max. 15 V (ports A, C, and D)
max. 15 V (ports A, C, and D)
Output current
10 mA typ. 20 mA max.
10 mA typ. 20 mA max.
10 mA typ. 20 mA max.
I/O circuit configuration
Choice of open-drain output or pull-up resistors at the bit level for ports A, C, and D
Reset output level
Choice of high or low in groups of 4 bits each (ports C and D)
Port function
Port E configurable as four comparator inputs
[Characteristics]
Minimum cycle time
2.77 µs (VDD ≥ 3.0 V)
0.92 µs (VDD ≥ 3.0 V)
3.84 µs (VDD ≥ 2.2 V)
Operating temperature
–40 to +85°C
–40 to +85°C
–40 to +85°C
Power supply voltage
3.0 to 6.0 V
3.0 to 6.0 V
2.2 to 6.0 V
Current drain
1.1 mA typ.
1.6 mA typ.
1.0 mA typ.
[Clock]
RC (850 kHz, 400 kHz typ.)
RC (400 kHz typ.)
Oscillator
Ceramic oscillator (400 kHz, 800 kHz, Ceramic oscillator (2 MHz, 4 MHz)
Ceramic oscillator (400 kHz, 800 kHz,
2 MHz, 4 MHz)
2 MHz, 4 MHz)
Frequency divider options
1/1, 1/3, 1/4
1/1
1/1, 1/3, 1/4
[Miscellaneous]
Package
DIP24S, SSOP24, MFP30S
DIP24S, SSOP24, MFP30S
DIP24S, SSOP24, MFP30S
OTP
Included
Included
Included



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com