Electronic Components Datasheet Search
  English  ▼

X  

LC6529F Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC6529F
Description  4-Bit Microcomputer for Small-Scale Control Applications
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC6529F Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC6529F Datasheet HTML 1Page - Sanyo Semicon Device LC6529F Datasheet HTML 2Page - Sanyo Semicon Device LC6529F Datasheet HTML 3Page - Sanyo Semicon Device LC6529F Datasheet HTML 4Page - Sanyo Semicon Device LC6529F Datasheet HTML 5Page - Sanyo Semicon Device LC6529F Datasheet HTML 6Page - Sanyo Semicon Device LC6529F Datasheet HTML 7Page - Sanyo Semicon Device LC6529F Datasheet HTML 8Page - Sanyo Semicon Device LC6529F Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Pin Assignments
MFP30S
DIP24S/SSOP24
Note: Do not use dip-soldering when mounting the SSOP package on the
circuit board.
Package Dimensions
unit: mm
3073A-MFP30S
No. 5117-3/39
LC6529N, LC6529F, LC6529L
SANYO: MFP30S
[LC6529N, 6529F, 6529L]
unit: mm
3067-DIP24S
SANYO: DIP24S
[LC6529N, 6529F, 6529L]
unit: mm
3175A-SSOP24
SANYO: SSOP24
[LC6529N, 6529F, 6529L]
Note: The above diagrams give only the nominal dimensions. Contact Sanyo for drawings complete with tolerances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com