Electronic Components Datasheet Search
  English  ▼

X  

LC6529F Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC6529F
Description  4-Bit Microcomputer for Small-Scale Control Applications
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC6529F Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC6529F Datasheet HTML 1Page - Sanyo Semicon Device LC6529F Datasheet HTML 2Page - Sanyo Semicon Device LC6529F Datasheet HTML 3Page - Sanyo Semicon Device LC6529F Datasheet HTML 4Page - Sanyo Semicon Device LC6529F Datasheet HTML 5Page - Sanyo Semicon Device LC6529F Datasheet HTML 6Page - Sanyo Semicon Device LC6529F Datasheet HTML 7Page - Sanyo Semicon Device LC6529F Datasheet HTML 8Page - Sanyo Semicon Device LC6529F Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Pin Functions
No. 5117-5/39
LC6529N, LC6529F, LC6529L
Pin No.
Symbol
I/O
Function
Output driver type
Options
State after reset
VDD
VSS
OSC1
OSC2
PA0
PA1
PA2
PA3
PC0
PC1
PC2
PC3
PD0
PD1
PD2
PD3
PE0/CMP0
PE1/CMP1
PE2/CMP2
PE3/CMP3
VREF0
VREF1
RES
TEST
—
—
I
O
I/O
I/O
I/O
I
I
I
I
I
Power supply. Normally +5 V.
Power supply. 0 V.
Pins for attaching external system
clock oscillator circuit (RC or ceramic)
• Bidirectional I/O port A0 to A3: 4-bit
input (IP instruction), 4-bit output (OP
instruction), 1-bit conditionals (BP
and BNP instructions), 1-bit set and
reset (SPB and RPB instructions)
• PA3 also doubles as standby
operation control.
• Block chattering from entering PA3
during the HALT instruction
execution cycle.
• Bidirectional I/O port C0 to C3.
Functions the same as PA0 to PA3
except that there is no the standby
operation control.
• Option controls whether output is
high or low after reset.
Bidirectional I/O port D0 to D3.
Functions and options the same as
PC0 to PC3.
• When configured for comparator
input: CMP0 and CMP1 use
reference voltage VREF0; CMP2 and
CMP3 use reference voltage VREF1.
• 4-bit (CMP0 to 3) input (IP
instruction)
• 1-bit conditionals (BP and BNP
instructions)
• When configured for port E input:
• 4-bit (E0-3) input (IP instruction)
• 1-bit conditionals (BP and BNP
instructions)
• Comparator reference level inputs:
CMP0 and CMP1 use reference
voltage VREF0; CMP2 and CMP3
use reference voltage VREF1.
• Connect to VSS when PE0/CMP0 to
PE3/CMP3 configured as port E.
• System reset input
• Connect external capacitor for power
up reset.
• Low level input for a minimum of four
clock cycles triggers a reset.
Chip test pin. Normally connect to VSS.
• N channel: sink
current type
• I/O voltage limit for
open-drain
configuration: max.
+15 V
• P channel: high-
impedance pull-up
type
• N channel: sink
current type
• I/O voltage limit for
open-drain
configuration: max.
+15 V
• P channel: low-
impedance pull-up
type
• N channel: sink
current type
• I/O voltage limit for
open-drain
configuration: max.
+15 V
• P channel: high-
impedance pull-up
type
1
1
1
1
4
4
4
4
4
2
1
1
—
—
High output (output
N channel transistor
off)
High or low (option)
High or low (option)
—
—
1. 2-pin RC oscillator circuit
(1-pin external clock)
2. 2-pin ceramic oscillator circuit
3. Frequency divider options:
1/1, 1/3, 1/4
1. Open-drain output
2. Pull-up resistor
• Choice of configuration 1. or 2. at
bit level
1. Open-drain output
2. Pull-up resistor
3. High output after reset
4. Low output after reset
• Choice of configuration 1. or 2. at
bit level
• Choice of configuration 3. or 4. at
port (4-bit) level
1. Open-drain output
2. Pull-up resistor
3. High output after reset
4. Low output after reset
• Choice of configuration 1. or 2. at
bit level
• Choice of configuration 3. or 4. at
port (4-bit) level
1. Comparator input
2. Port E input
3. Without feedback resistor
4. With feedback resistor
• Choice of configuration 1. or 2. at
port (4-bit) level
• Options 3. and 4. only available
with 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com