Electronic Components Datasheet Search
  English  ▼

X  

MIC5225 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5225
Description  Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5225 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5225 Datasheet HTML 1Page - Micrel Semiconductor MIC5225 Datasheet HTML 2Page - Micrel Semiconductor MIC5225 Datasheet HTML 3Page - Micrel Semiconductor MIC5225 Datasheet HTML 4Page - Micrel Semiconductor MIC5225 Datasheet HTML 5Page - Micrel Semiconductor MIC5225 Datasheet HTML 6Page - Micrel Semiconductor MIC5225 Datasheet HTML 7Page - Micrel Semiconductor MIC5225 Datasheet HTML 8Page - Micrel Semiconductor MIC5225 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Micrel, Inc.
MIC5225
July 2008
5
M9999-072908-A
Typical Characteristics (continued)
0
20
40
60
80
100
120
010
INPUT VOLTAGE (V)
Input Current
vs. Input Voltage
VEN = 5V
RLOAD
2.95
2.96
2.97
2.98
2.99
3.00
3.01
3.02
3.03
3.04
3.05
Output Voltage
vs. Temperature
-40 -20
20 40 60 80
TEMPERATURE (°C)
0
100 120
IOUT = 100µA
0
50
100
150
200
250
300
350
400
Short Circuit Current
vs. Temperature
-40 -20
20 40 60 80
TEMPERATURE (°C)
0
100 120
VIN = 4V
0
5
10
15
20
25
30
0246
8
10 12 14
EXTERNAL VOLTAGE (V)
Reverse Current
(Open Input)
+85°C
+25°C
-40°C
0
5
10
15
20
25
30
0246
8
10 12 14
EXTERNAL VOLTAGE (V)
Reverse Current
(Grounded Input)
+85°C
+25°C
-40°C
IN
MIC5225
OUT
GND
Reverse
Current
EN
IN
MIC5225
OUT
GND
Reverse
Current
EN



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com