Electronic Components Datasheet Search
  English  ▼

X  

MIC5225 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5225
Description  Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5225 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5225 Datasheet HTML 1Page - Micrel Semiconductor MIC5225 Datasheet HTML 2Page - Micrel Semiconductor MIC5225 Datasheet HTML 3Page - Micrel Semiconductor MIC5225 Datasheet HTML 4Page - Micrel Semiconductor MIC5225 Datasheet HTML 5Page - Micrel Semiconductor MIC5225 Datasheet HTML 6Page - Micrel Semiconductor MIC5225 Datasheet HTML 7Page - Micrel Semiconductor MIC5225 Datasheet HTML 8Page - Micrel Semiconductor MIC5225 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Micrel, Inc.
MIC5225
July 2008
4
M9999-072908-A
Typical Characteristics
0
10
20
30
40
50
60
70
0.01
0.1
1
10
100 1000
FREQUENCY (Hz)
Power Supply
Rejection Ratio
ILOAD = 150mA
0
50
100
150
200
250
300
350
Dropout Voltage
vs. Output Current
0 20
60 80 100 120
160
OUTPUT CURRENT (mA)
40
140
0
50
100
150
200
250
300
350
400
450
500
Dropout Voltage
vs. Temperature
-40 -20
20 40 60 80
TEMPERATURE (°C)
0
100 120
IOUT = 150mA
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
INPUT VOLTAGE (V)
Output Voltage
vs. Input Voltage
ILOAD = 100µA
ILOAD = 150mA
ILOAD = 75mA
0
500
1000
1500
2000
2500
3000
Ground Pin Current
vs. Output Current
0 20
60 80 100 120
160
OUTPUT CURRENT (mA)
40
140
VIN = 4V
20
22
24
26
28
30
32
34
36
38
40
0
100
200
300
400
500
OUTPUT CURRENT (µA)
Ground Pin Current
vs. Output Current
VIN = 4V
VIN = 12V
40
45
50
55
60
65
70
75
80
Ground Pin Current
vs. Temperature
-40 -20
20 40 60 80
TEMPERATURE (°C)
0
100 120
IOUT = 10mA
500
520
540
560
580
600
620
640
660
680
700
Ground Pin Current
vs. Temperature
-40 -20
20 40 60 80
TEMPERATURE (°C)
0
100 120
IOUT = 75mA
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
Ground Pin Current
vs. Temperature
-40 -20
20 40 60 80
TEMPERATURE (°C)
0
100 120
IOUT = 150mA
0
10
20
30
40
50
60
70
80
90
100
1.5
2.0
2.5
3.0
3.5
4.0
INPUT VOLTAGE (V)
Ground Pin Current
vs. Input Voltage
IOUT = 10mA
IOUT = 10µA
IOUT = 1mA
IOUT = 100µA
0.4
0.9
1.4
1.9
2.4
2.9
3.4
1.5
2.0
2.5
3.0
3.5
4.0
INPUT VOLTAGE (V)
Ground Pin Current
vs. Input Voltage
IOUT = 75mA
IOUT = 150mA
20
22
24
26
28
30
32
34
36
38
40
4
6
8
10
12
14
16
INPUT VOLTAGE (V)
Ground Pin Current
vs. Input Voltage
IOUT = 10µA
IOUT = 1mA
IOUT = 100µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com