Electronic Components Datasheet Search
  English  ▼

X  

MIC5225 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5225
Description  Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5225 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5225 Datasheet HTML 1Page - Micrel Semiconductor MIC5225 Datasheet HTML 2Page - Micrel Semiconductor MIC5225 Datasheet HTML 3Page - Micrel Semiconductor MIC5225 Datasheet HTML 4Page - Micrel Semiconductor MIC5225 Datasheet HTML 5Page - Micrel Semiconductor MIC5225 Datasheet HTML 6Page - Micrel Semiconductor MIC5225 Datasheet HTML 7Page - Micrel Semiconductor MIC5225 Datasheet HTML 8Page - Micrel Semiconductor MIC5225 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Micrel, Inc.
MIC5225
July 2008
3
M9999-072908-A
Absolute Maximum Ratings(1)
Supply Voltage (VIN).................................. ……–20V to 18V
Enable Voltage (VEN)....................................... –0.3V to 18V
Power Dissipation (PD)..............................Internally Limited
Junction Temperature (TJ) ........................–40°C to +125°C
Storage Temperature (Ts) .........................–65°C to +150°C
ESD ........................................................................... Note 3
Operating Ratings(2)
Supply Voltage (VIN).......................................... 2.3V to 16V
Enable Voltage (VEN)............................................ 0V to 16V
Junction Temperature (TJ) ........................–40°C to +125°C
Package Thermal Resistance
SOT23-5 (
θJA) ..................................................235°C/W
Electrical Characteristics(4)
TA = 25°C with VIN = VOUT + 1V; Load = 100µA; bold values indicate –40°C< TJ < +125°C, unless otherwise specified.
Parameter
Condition
Min
Typ
Max
Units
–1.0
+1.0
%
Output Voltage Accuracy
Variation from nominal VOUT
–2.0
+2.0
%
Line Regulation
VIN = VOUT + 1V to 16V
0.04
%
Load Regulation
Load = 100µA to 150mA
0.25
1
%
Load = 100µA
50
mV
Load = 50mA
230
300
mV
Dropout Voltage
Load = 150mA
310
450
mV
Reference Voltage
1.22
1.24
1.26
Load = 100µA
29
50
µA
Load = 50mA
0.5
0.9
mA
Ground Current
Load = 150mA
3
5
mA
Ground Current in Shutdown
VEN < 0.6V; VIN = 16V
0.1
5
µA
Short Circuit Current
VOUT = 0V
300
500
mA
Output Leakage,
Reverse Polarity Input
Load = 500Ω; VIN = -15V
–0.1
µA
Enable Input
Input Low Voltage
Regulator OFF
0.6
V
Input High Voltage
Regulator ON
2.0
V
VEN = 0.6V; Regulator OFF
–1.0
0.01
+1.0
µA
VEN = 2.0V; Regulator ON
0.15
1.0
µA
Enable Input Current
VEN = 16V; Regulator ON
0.5
2.5
µA
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com