Electronic Components Datasheet Search
  English  ▼

X  

MIC5225 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5225
Description  Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5225 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5225 Datasheet HTML 1Page - Micrel Semiconductor MIC5225 Datasheet HTML 2Page - Micrel Semiconductor MIC5225 Datasheet HTML 3Page - Micrel Semiconductor MIC5225 Datasheet HTML 4Page - Micrel Semiconductor MIC5225 Datasheet HTML 5Page - Micrel Semiconductor MIC5225 Datasheet HTML 6Page - Micrel Semiconductor MIC5225 Datasheet HTML 7Page - Micrel Semiconductor MIC5225 Datasheet HTML 8Page - Micrel Semiconductor MIC5225 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MIC5225
Ultra-Low Quiescent Current
150mA µCap Low Dropout Regulator
IttyBitty is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
July 2008
M9999-072908-A
General Description
The MIC5225 is a 150mA highly accurate, low dropout
regulator with high input voltage and ultra-low ground
current. This combination of high voltage and low ground
current makes the MIC5225 ideal for a wide variety of
applications including USB and portable electronics
applications, using 1-cell, 2-cell or 3-cell Li-Ion battery
inputs.
A µCap LDO design, the MIC5225 is stable with either a
ceramic or tantalum output capacitor. It only requires a
2.2µF capacitor for stability.
Features of the MIC5225 includes enable input, thermal
shutdown, current limit, reverse battery protection, and
reverse leakage protection.
Available in fixed and adjustable output voltage versions,
the MIC5225 is offered in the IttyBitty
® SOT23-5 package
with a junction temperature range of –40°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• Wide input voltage range: 2.3V to 16V
• High output accuracy of ±2.0% over temperature
• Guaranteed 150mA output
• Very low ground current: 29µA
• Low dropout voltage of 310mV at 150mA
• µCap: Stable with ceramic or tantalum capacitors
• Excellent line and load regulation specifications
• Reverse battery protection
• Reverse leakage protection
• Zero shutdown current
• Thermal shutdown and current limit protection
• IttyBitty® SOT23-5 Package
Applications
• Cellular phones
• Keep alive supply in notebook and portable computers
• Battery-powered equipment
• Consumer/personal electronics
• High-efficiency linear power supplies
• Automotive electronics
_______________________________________________________________________________________________________
Typical Application
15
2
34
COUT = 2.2µF
ceramic
IGND = 18µA
CIN = 1.0µF
EN
MIC5225YM5
VIN
VOUT = 1.8V
R1
R2
OFF ON
Ultra-Low Current Adjustable Regulator Application
20
22
24
26
28
30
32
34
36
38
40
4
6
8
10
12
14
16
INPUT VOLTAGE (V)
Ground Pin Current
vs. Input Voltage
IOUT = 10µA
IOUT = 1mA
IOUT = 100µA


Similar Part No. - MIC5225

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5200 MICREL-MIC5200 Datasheet
87Kb / 6P
100mA Low-Dropout Voltage Regulator Preliminary Information
logo
Microchip Technology
MIC5200 MICROCHIP-MIC5200 Datasheet
320Kb / 24P
100 mA Low-Dropout Regulator
06/23/16
logo
Micrel Semiconductor
MIC5200-3.0BM MICREL-MIC5200-3.0BM Datasheet
87Kb / 6P
100mA Low-Dropout Voltage Regulator Preliminary Information
MIC5200-3.0BM MICREL-MIC5200-3.0BM Datasheet
179Kb / 10P
100mA Low-Dropout Regulator
MIC5200-3.0BS MICREL-MIC5200-3.0BS Datasheet
87Kb / 6P
100mA Low-Dropout Voltage Regulator Preliminary Information
More results

Similar Description - MIC5225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78223 TI-TPS78223 Datasheet
743Kb / 20P
150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX Datasheet
338Kb / 15P
500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX_10 Datasheet
504Kb / 17P
500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
150mA 關Cap Ultra-Low Dropout LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78330 TI1-TPS78330 Datasheet
504Kb / 17P
500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com