Electronic Components Datasheet Search
  English  ▼

X  

MIC5225 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5225
Description  Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5225 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5225 Datasheet HTML 1Page - Micrel Semiconductor MIC5225 Datasheet HTML 2Page - Micrel Semiconductor MIC5225 Datasheet HTML 3Page - Micrel Semiconductor MIC5225 Datasheet HTML 4Page - Micrel Semiconductor MIC5225 Datasheet HTML 5Page - Micrel Semiconductor MIC5225 Datasheet HTML 6Page - Micrel Semiconductor MIC5225 Datasheet HTML 7Page - Micrel Semiconductor MIC5225 Datasheet HTML 8Page - Micrel Semiconductor MIC5225 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Micrel, Inc.
MIC5225
July 2008
2
M9999-072908-A
Ordering Information
Part Number
Marking*
Voltage**
Junction Temp. Range
Package
Lead Finish
MIC5225-1.5YM5
QT15
1.5V
–40° to +125°C
5-Pin SOT23
Pb-Free
MIC5225-1.8YM5
QT18
1.8V
–40° to +125°C
5-Pin SOT23
Pb-Free
MIC5225-2.5YM5
QT25
2.5V
–40° to +125°C
5-Pin SOT23
Pb-Free
MIC5225-2.7YM5
QT27
2.7V
–40° to +125°C
5-Pin SOT23
Pb-Free
MIC5225-3.0YM5
QT30
3.0V
–40° to +125°C
5-Pin SOT23
Pb-Free
MIC5225-3.3YM5
QT33
3.3V
–40° to +125°C
5-Pin SOT23
Pb-Free
MIC5225-5.0YM5
QT50
5.0V
–40° to +125°C
5-Pin SOT23
Pb-Free
MIC5225YM5
QTAA
Adj.
–40° to +125°C
5-Pin SOT23
Pb-Free
* Under bar symbol ( _ ) may not be to scale.
** For other voltage options available. Contact Micrel Marketing for details.
Pin Configuration
IN
OUT
NC/ADJ
EN
1
3
45
2
GND
5-Pin SOT23 (M5)
Pin Description
Pin Number
Pin Name
Pin Function
1
IN
Supply Input.
2
GND
Ground.
3
EN
Enable (Input): Logic Low or Open = Shutdown; Logic High = Enable.
NC (Fixed)
No Connect.
4
ADJ (Adjust)
Adjust (Input): Feedback input. Connect to resistive voltage-divider network.
5
OUT
Regulator Output.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com