Electronic Components Datasheet Search
  English  ▼

X  

MIC22705 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC22705
Description  1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22705 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC22705 Datasheet HTML 2Page - Micrel Semiconductor MIC22705 Datasheet HTML 3Page - Micrel Semiconductor MIC22705 Datasheet HTML 4Page - Micrel Semiconductor MIC22705 Datasheet HTML 5Page - Micrel Semiconductor MIC22705 Datasheet HTML 6Page - Micrel Semiconductor MIC22705 Datasheet HTML 7Page - Micrel Semiconductor MIC22705 Datasheet HTML 8Page - Micrel Semiconductor MIC22705 Datasheet HTML 9Page - Micrel Semiconductor MIC22705 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Micrel, Inc.
MIC22705
December 2010
6
M9999-121710-A
Typical Characteristics
VIN Operating Supply Current
vs. Input Voltage
0
5
10
15
20
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
VOUT = 1.8V
IOUT = 0A
SWITCHING
VIN Shutdown Current
vs. Input Voltage
0
4
8
12
16
20
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
VEN/DLY = 0V
Feedback Voltage
vs. Input Voltage
0.693
0.697
0.700
0.704
0.707
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
VOUT = 1.8V
Load Regulation
vs. Input Voltage
0.0%
0.2%
0.4%
0.6%
0.8%
1.0%
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
VOUT = 1.8V
IOUT = 0A to 7A
Current Limit
vs. Input Voltage
0
5
10
15
20
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
VOUT = 1.8V
Switching Frequency
vs. Input Voltage
800
900
1000
1100
1200
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
VOUT = 1.8V
IOUT = 0A
Enable Threshold
vs. Input Voltage
1.0
1.1
1.2
1.3
1.4
1.5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
Enable Input Current
vs. Input Voltage
0
1
2
3
4
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
VEN/DLY = 0V
Power Good Threshold/VREF Ratio
vs. Input Voltage
80%
85%
90%
95%
100%
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
VREF = 0.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com