Electronic Components Datasheet Search
  English  ▼

X  

MIC22705 Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # MIC22705
Description  1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22705 Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button MIC22705 Datasheet HTML 13Page - Micrel Semiconductor MIC22705 Datasheet HTML 14Page - Micrel Semiconductor MIC22705 Datasheet HTML 15Page - Micrel Semiconductor MIC22705 Datasheet HTML 16Page - Micrel Semiconductor MIC22705 Datasheet HTML 17Page - Micrel Semiconductor MIC22705 Datasheet HTML 18Page - Micrel Semiconductor MIC22705 Datasheet HTML 19Page - Micrel Semiconductor MIC22705 Datasheet HTML 20Page - Micrel Semiconductor MIC22705 Datasheet HTML 21Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Micrel, Inc.
MIC22705
December 2010
17
M9999-121710-A
Current Limit
The MIC22705 is protected against overload in two
stages. The first is to limit the current in the P-channel
switch; the second is over temperature shutdown.
Current is limited by measuring the current through the
high-side MOSFET during its power stroke and
immediately switching off the driver when the preset limit
is exceeded.
The circuit in Figure 4 describes the operation of the
current limit circuit. Since the actual RDSON of the P-
Channel MOSFET varies part-to-part, over temperature
and with input voltage, simple IR voltage detection is not
employed. Instead, a smaller copy of the Power
MOSFET (Reference FET) is fed with a constant current
which is a directly proportional to the factory set current
limit. This sets the current limit as a current ratio and
thus, is not dependant upon the RDSON value.  Current
limit is set to nominal value. Variations in the scale factor
K between the Power PFET and the reference PFET
used to generate the limit threshold account for a
relatively small inaccuracy.
Figure 4. Current-Limit Detail
Thermal Considerations
The MIC22705 is packaged in a MLF
® 4mm x 4mm – a
package
that
has
excellent
thermal-performance
equaling that of the larger TSSOP packages. This
maximizes heat transfer from the junction to the exposed
pad (ePAD) which connects to the ground plane. The
size of the ground plane attached to the exposed pad
determines the overall thermal resistance from the
junction to the ambient air surrounding the printed circuit
board. The junction temperature for a given ambient
temperature can be calculated using:
TJ = TAMB + PDISS × RθJA
where:
•
PDISS is the power dissipated within the MLF
®
package and is at 7A load. RθJA is a combination of
junction-to-case thermal resistance (RθJC) and
Case-to-Ambient thermal resistance (RθCA), since
thermal resistance of the solder connection from the
ePAD to the PCB is negligible; RθCA is the thermal
resistance of the ground plane-to-ambient, so RθJA =
RθJC + RθCA.
•
TAMB is the operating ambient temperature.
Example:
The evaluation board has two copper planes contributing
to an RθJA of approximately 25°C/W. The worst case
RθJC of the MLF
® 4x4 is 14oC/W.
R
θJA = RθJC + RθCA
R
θJA = 14 + 25 = 39°C/W
To calculate the junction temperature for a 50°C
ambient:
TJ = TAMB + PDISS × RθJA
TJ + 50 + (1.8 × 39)
TJ = 120°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com