Electronic Components Datasheet Search
  English  ▼

X  

MIC22705 Datasheet(PDF) 22 Page - Micrel Semiconductor

Part # MIC22705
Description  1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22705 Datasheet(HTML) 22 Page - Micrel Semiconductor

Back Button MIC22705 Datasheet HTML 18Page - Micrel Semiconductor MIC22705 Datasheet HTML 19Page - Micrel Semiconductor MIC22705 Datasheet HTML 20Page - Micrel Semiconductor MIC22705 Datasheet HTML 21Page - Micrel Semiconductor MIC22705 Datasheet HTML 22Page - Micrel Semiconductor MIC22705 Datasheet HTML 23Page - Micrel Semiconductor MIC22705 Datasheet HTML 24Page - Micrel Semiconductor MIC22705 Datasheet HTML 25Page - Micrel Semiconductor MIC22705 Datasheet HTML 26Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Micrel, Inc.
MIC22705
December 2010
22
M9999-121710-A
Evaluation Board Schematic
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C2012X5R0J226M
TDK
(1)
08056D226MAT
AVX
(2)
C1, C2,
C3, C4
GRM21BR60J226ME39L
Murata
(3)
22µF/6.3V, 0805, Ceramic Capacitor
5
06036D225TAAT2A
AVX
(2)
2.2µF/6.3V, Ceramic Capacitor, X5R, Size 0805
GRM188R7160J225M
Murata
(3)
2.2µF/6.3V, Ceramic Capacitor, X7R, Size 0805
C5
C1608X5R0J225M
TDK
(1)
1
C13
GRM188R71H103KA01D
Murata
(3)
10nF, 0603, Ceramic Capacitor
1
Open(VJ0603Y102KXQCW1BC)
Vishay
(4)
1nF, 0603, Ceramic Capacitor
Open(GRM188R71H102KA01D)
Murata
(3)
1nF/50V, X7R, 0603, Ceramic Capacitor
C7
Open(C1608C0G1H102J)
TDK
(1)
1nF/50V, COG, 0603, Ceramic Capacitor
1
C6, C8
Open
GRM1555C1H390JZ01D
Murata
(3)
39pF/50V, COG, 0402, Ceramic Capacitor
C9
VJ0402A390KXQCW1BC
BC
Components
(5)
39pF /10V, 0402, Ceramic Capacitor
1
C3216X5R0J476M
TDK
(1)
47µF/6.3V, X5R, 1206, Ceramic Capacitor
GRM31CR60J476ME19
Murata
(3)
47µF/6.3V, X5R, 1206, Ceramic Capacitor
C10, C11
GRM31CC80G476ME19L
Murata
(3)
47µF/4V, X6S, 1206, Ceramic Capacitor
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com