Electronic Components Datasheet Search
  English  ▼

X  

MIC22705 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC22705
Description  1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22705 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC22705 Datasheet HTML 4Page - Micrel Semiconductor MIC22705 Datasheet HTML 5Page - Micrel Semiconductor MIC22705 Datasheet HTML 6Page - Micrel Semiconductor MIC22705 Datasheet HTML 7Page - Micrel Semiconductor MIC22705 Datasheet HTML 8Page - Micrel Semiconductor MIC22705 Datasheet HTML 9Page - Micrel Semiconductor MIC22705 Datasheet HTML 10Page - Micrel Semiconductor MIC22705 Datasheet HTML 11Page - Micrel Semiconductor MIC22705 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Micrel, Inc.
MIC22705
December 2010
8
M9999-121710-A
Typical Characteristics (Continued)
Efficiency
vs. Output Current
80
85
90
95
100
01
2345
67
OUTPUT CURRENT (A)
3.3VIN
5.0VIN
VOUT = 1.8V
Feedback Voltage
vs. Output Current
0.693
0.697
0.700
0.704
0.707
01
2
3
45
6
7
OUTPUT CURRENT (A)
VIN = 5.0V
VOUT = 1.8V
Line Regulation
vs. Output Current
0.0%
0.1%
0.2%
0.3%
0.4%
0.5%
012
3
4
5
6
7
OUTPUT CURRENT (A)
VIN = 2.9V to 5.5V
VOUT = 1.8V
Switching Frequency
vs. Output Current
800
900
1000
1100
1200
01
2345
67
OUTPUT CURRENT (A)
VIN = 5.0V
VOUT = 1.8V
IOUT = 0A
Output Voltage (VIN = 3.3V)
vs. Output Current
2.8
2.9
3.0
3.1
3.2
3.3
3.4
012
3
4
5
6
7
OUTPUT CURRENT (A)
VIN = 3.3V
VFB < 0.7V
Output Voltage (VIN = 5.0V)
vs. Output Current
4.6
4.7
4.8
4.9
5.0
5.1
5.2
01
23
45
6
7
OUTPUT CURRENT (A)
VIN = 5.0V
VFB < 0.7V
Efficiency (VIN = 3.3V)
vs. Output Current
70
75
80
85
90
95
100
012
34
56
78
9
OUTPUT CURRENT (A)
2.5V
1.8V
1.5V
1.2V
1.0V
0.9V
0.8V
VIN = 3.3V
IC Power Dissipation vs. Output
Current (VIN = 3.3V)
0
0.5
1
1.5
2
02
46
OUTPUT CURRENT (A)
VIN = 3.3V
VOUT = 0.8V, 1.0V, 1.2V, 1.5V, 1.8V, 2.5V
Case Temperature* (VIN = 3.3V)
vs. Output Current
0
20
40
60
80
100
01
23
4
5
6
7
OUTPUT CURRENT (A)
VIN = 3.3V
VOUT = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com