Electronic Components Datasheet Search
  English  ▼

X  

MIC22705 Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MIC22705
Description  1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22705 Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MIC22705 Datasheet HTML 14Page - Micrel Semiconductor MIC22705 Datasheet HTML 15Page - Micrel Semiconductor MIC22705 Datasheet HTML 16Page - Micrel Semiconductor MIC22705 Datasheet HTML 17Page - Micrel Semiconductor MIC22705 Datasheet HTML 18Page - Micrel Semiconductor MIC22705 Datasheet HTML 19Page - Micrel Semiconductor MIC22705 Datasheet HTML 20Page - Micrel Semiconductor MIC22705 Datasheet HTML 21Page - Micrel Semiconductor MIC22705 Datasheet HTML 22Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Micrel, Inc.
MIC22705
December 2010
18
M9999-121710-A
Thermal Measurements
Measuring the IC’s case temperature is recommended to
ensure it is within its operating limits. Although this might
seem like a very elementary task, it is easy to get
erroneous results. The most common mistake is to use
the standard thermal couple that comes with a thermal
meter. This thermal couple wire gauge is large, typically
22 gauge, and behaves like a heatsink, resulting in a
lower case measurement.
Two methods of temperature measurement are using a
smaller thermal couple wire or an infrared thermometer.
If a thermal couple wire is used, it must be constructed
of 36 gauge wire or higher then (smaller wire size) to
minimize the wire heat-sinking effect. In addition, the
thermal couple tip must be covered in either thermal
grease or thermal glue to make sure that the thermal
couple junction is making good contact with the case of
the IC. Omega brand thermal couple (5SC-TT-K-36-36)
is adequate for most applications.
Wherever
possible,
an
infrared
thermometer
is
recommended. The measurement spot size of most
infrared thermometers is too large for an accurate
reading on a small form factor ICs. However, a IR
thermometer from Optris has a 1mm spot size, which
makes it a good choice for measuring the hottest point
on the case. An optional stand makes it easy to hold the
beam on the IC for long periods of time.
Sequencing and Tracking
There are four variations which are easily implemented
using the MIC22705. The two sequencing variations are
Delayed and Windowed. The two tracking variants are
Normal and Ratio Metric. The following diagrams
illustrate methods for connecting two MIC22705’s to
achieve these requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com