Electronic Components Datasheet Search
  English  ▼

X  

MIC33153 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC33153
Description  4MHz PWM 1.2A Internal Inductor Buck Regulator with HyperLight Load and Power Good
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC33153 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC33153 Datasheet HTML 1Page - Micrel Semiconductor MIC33153 Datasheet HTML 2Page - Micrel Semiconductor MIC33153 Datasheet HTML 3Page - Micrel Semiconductor MIC33153 Datasheet HTML 4Page - Micrel Semiconductor MIC33153 Datasheet HTML 5Page - Micrel Semiconductor MIC33153 Datasheet HTML 6Page - Micrel Semiconductor MIC33153 Datasheet HTML 7Page - Micrel Semiconductor MIC33153 Datasheet HTML 8Page - Micrel Semiconductor MIC33153 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MIC33153
4MHz PWM 1.2A Internal Inductor
Buck Regulator with HyperLight Load™
and Power Good
HyperLight Load is a trademark of Micrel, Inc.
MLF and MicroLeadFrame are registered trademark Amkor Technology Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-01200 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The
MIC33153
is
a
high-efficiency
4MHz
1.2A
synchronous buck regulator with an internal inductor,
HyperLight Load™ mode, Power Good (PG) output
indicator, and programmable soft start. HyperLight Load™
provides very high efficiency at light loads and ultra-fast
transient response which makes the MIC33153 perfectly
suited for supplying processor core voltages. An additional
benefit of this proprietary architecture is very low output
ripple voltage throughout the entire load range with the use
of small output capacitors.
The MIC33153 is designed so that only two external
capacitors as small as 2.2µF are needed for stability. This
gives the MIC33153 the ease of use of an LDO with the
efficiency of a HyperLight Load™ DC converter. The
MIC33153 achieves efficiency in HyperLight Load
TM mode
as high as 85% at 1mA, with a very low quiescent current
of 22µA. At higher loads, the MIC33153 provides a
constant switching frequency up to 4MHz.
The MIC33153 is available in 14-pin 3.0mm x 3.5mm
MLF
® package with an operating junction temperature
range from –40
°C to +125°C.
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Internal inductor
− Simplifies design to two external capacitors
• Input voltage: 2.7V to 5.5V
• Output voltage: fixed or adjustable (0.62V to 3.6V)
• Up to 1.2 A output current
• Up to 93% peak efficiency
• 85% typical efficiency at 1mA
• Power Good (PG) output
• Programmable soft start
• 22µA typical quiescent current
• 4MHz PWM operation in continuous mode
• Ultra-fast transient response
• Low ripple output voltage
− 35mVpp ripple in HyperLight Load
™ mode
− 7mV output voltage ripple in full PWM mode
• 0.01µA shutdown current
• Thermal shutdown and current limit protection
• 14-pin 3.0 x 3.5 x 1.1mm MLF® package
• –40°C to +125°C junction temperature range
Applications
• Solid State Drives (SSD)
• Mobile handsets
• Portable media/MP3 players
• Portable navigation devices (GPS)
• WiFi/WiMax/WiBro modules
• Wireless LAN cards
• Portable applications
____________________________________________________________________________________________________________
Typical Application
Fixed Output Voltage
Adjustable Output Voltage
September 2010
M9999-092910-A


Similar Part No. - MIC33153

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC33153 MICROCHIP-MIC33153 Datasheet
3Mb / 28P
4 MHz 1.2A Internal Inductor PWM Buck Regulator with HyperLight Load짰 and Power Good
Rev. B. April 2022
MIC33153-4YHJ-TR MICROCHIP-MIC33153-4YHJ-TR Datasheet
3Mb / 28P
4 MHz 1.2A Internal Inductor PWM Buck Regulator with HyperLight Load짰 and Power Good
Rev. B. April 2022
MIC33153-SYHJ-TR MICROCHIP-MIC33153-SYHJ-TR Datasheet
3Mb / 28P
4 MHz 1.2A Internal Inductor PWM Buck Regulator with HyperLight Load짰 and Power Good
Rev. B. April 2022
MIC33153YHJ-TR MICROCHIP-MIC33153YHJ-TR Datasheet
3Mb / 28P
4 MHz 1.2A Internal Inductor PWM Buck Regulator with HyperLight Load짰 and Power Good
Rev. B. April 2022
More results

Similar Description - MIC33153

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC33050 MICREL-MIC33050 Datasheet
586Kb / 13P
4MHz Internal Inductor PWM Buck Regulator with HyperLight Load?
MIC23153 MICREL-MIC23153 Datasheet
761Kb / 18P
4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23031 MICREL-MIC23031_10 Datasheet
1Mb / 18P
4MHz PWM 400mA Buck Regulator with HyperLight Load
MIC33050 MICREL-MIC33050_09 Datasheet
632Kb / 13P
4MHz Internal Inductor PWM Buck Regulator with HyperLight Load
MIC23153 MICREL-MIC23153_11 Datasheet
792Kb / 18P
4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23303 MICREL-MIC23303 Datasheet
1,012Kb / 21P
4MHz PWM 3A Buck Regulator with HyperLight Load??and Power Good
MIC33050 MICREL-MIC33050_12 Datasheet
743Kb / 16P
4MHz Internal Inductor PWM Buck Regulator with HyperLight Load짰
MIC33050_1205 MICREL-MIC33050_1205 Datasheet
743Kb / 16P
4MHz Internal Inductor PWM Buck Regulator with HyperLight Load
MIC23150 MICREL-MIC23150_15 Datasheet
1Mb / 18P
4MHz, PWM, 2A Buck Regulator with HyperLight Load
logo
Microchip Technology
MIC33153 MICROCHIP-MIC33153 Datasheet
3Mb / 28P
4 MHz 1.2A Internal Inductor PWM Buck Regulator with HyperLight Load짰 and Power Good
Rev. B. April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com