Electronic Components Datasheet Search
  English  ▼

X  

MIC33153 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC33153
Description  4MHz PWM 1.2A Internal Inductor Buck Regulator with HyperLight Load and Power Good
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC33153 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC33153 Datasheet HTML 1Page - Micrel Semiconductor MIC33153 Datasheet HTML 2Page - Micrel Semiconductor MIC33153 Datasheet HTML 3Page - Micrel Semiconductor MIC33153 Datasheet HTML 4Page - Micrel Semiconductor MIC33153 Datasheet HTML 5Page - Micrel Semiconductor MIC33153 Datasheet HTML 6Page - Micrel Semiconductor MIC33153 Datasheet HTML 7Page - Micrel Semiconductor MIC33153 Datasheet HTML 8Page - Micrel Semiconductor MIC33153 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Micrel Inc.
MIC33153
September 2010
4
M9999-092910-A
Typical Characteristics
Efficiency (VOUT = 3.3V)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
OUTPUT CURRENT (mA)
COUT = 4.7µF
VIN = 4.2V
VIN = 5.0V
VIN = 5.5V
Efficiency (VOUT = 2.5V)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
OUTPUT CURRENT (mA)
COUT = 4.7µF
VIN = 3.6V
VIN = 4.2V
VIN = 5.5V
Efficiency (VOUT = 1.8V)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
OUTPUT CURRENT (mA)
COUT = 4.7µF
VIN = 3.0V
VIN = 3.6V
VIN = 4.2V
Efficiency (VOUT = 1.5V)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
OUTPUT CURRENT (mA)
COUT = 4.7µF
VIN = 3.0V
VIN = 3.6V
VIN = 4.2V
Efficiency (VOUT = 1.2V)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
OUTPUT CURRENT (mA)
COUT = 4.7µF
VIN = 3.0V
VIN = 3.6V
VIN = 4.2V
Efficiency (VOUT = 1.0V)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
OUTPUT CURRENT (mA)
COUT = 4.7µF
VIN = 3.0V
VIN = 3.6V
VIN = 4.2V
Current Limit
vs. Input Voltage
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
2.7
3.2
3.7
4.2
4.7
5.2
5.7
INPUT VOLTAGE (V)
Quiescent Current
vs. Input Voltage
0
5
10
15
20
25
30
35
40
2.7
3.2
3.7
4.2
4.7
5.2
5.7
INPUT VOLTAGE (V)
No Switching
SNS > 1.2 * VOUTNOM
COUT = 4.7µF
T = 125°C
T = 20°C
T = - 45°C
Shutdown Current
vs. Input Voltage
0
5
10
15
20
25
30
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
Line Regulation
(Light Load)
1.700
1.720
1.740
1.760
1.780
1.800
1.820
1.840
1.860
1.880
1.900
2.53
3.54
4.555.5
INPUT VOLTAGE (V)
VOUTNOM = 1.8V
COUT = 4.7µF
IOUT = 160mA
IOUT = 40mA
IOUT = 1mA
Line Regulation
(Heavy Load)
1.700
1.720
1.740
1.760
1.780
1.800
1.820
1.840
1.860
1.880
1.900
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
VOUTNOM = 1.8V
COUT = 4.7µF
IOUT = 500mA
IOUT = 300mA
IOUT = 1000mA
Load Regulation
1.100
1.150
1.200
1.250
1.300
0
200
400
600
800 1000 1200
OUTPUT CURRENT (mA)
VOUTNOM = 1.2V
COUT = 4.7µF
VIN = 4.2V
VIN = 3.6V
VIN = 3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com