Electronic Components Datasheet Search
  English  ▼

X  

MIC33153 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC33153
Description  4MHz PWM 1.2A Internal Inductor Buck Regulator with HyperLight Load and Power Good
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC33153 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC33153 Datasheet HTML 9Page - Micrel Semiconductor MIC33153 Datasheet HTML 10Page - Micrel Semiconductor MIC33153 Datasheet HTML 11Page - Micrel Semiconductor MIC33153 Datasheet HTML 12Page - Micrel Semiconductor MIC33153 Datasheet HTML 13Page - Micrel Semiconductor MIC33153 Datasheet HTML 14Page - Micrel Semiconductor MIC33153 Datasheet HTML 15Page - Micrel Semiconductor MIC33153 Datasheet HTML 16Page - Micrel Semiconductor MIC33153 Datasheet HTML 17Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Micrel Inc.
MIC33153
September 2010
15
M9999-092910-A
Typical Application Circuit (Adjustable Output)
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1608X5R0J475K
TDK
(1)
C1, C2
GRM188R60J475KE19D
Murata
(2)
Ceramic Capacitor, 4.7µF, 6.3V, X5R, Size 0603
2
C3
C1608NPO0J471K
TDK
(1)
Ceramic Capacitor, 470pF, 6.3V, NPO, Size 0603
1
C4
−
−
Not Fitted (NF)
0
R1
CRCW06033013FKEA
Vishay
(3)
Resistor, 301k, Size 0603
1
R2
CRCW06031583FKEA
Vishay
(3)
Resistor, 158k, Size 0603
1
R3, R4
CRCW06031002FKEA
Vishay
(3)
Resistor, 10k, Size 0603
2
U1
MIC33153-YHJ
Micrel, Inc.
(4)
4MHz 1.2A Buck Regulator with HyperLight Load™ Mode
and Adjustable Output Voltage
1
1. TDK: www.tdk.com.
2. Murata : www.murata.com.
3. Vishay: www.vishay.com.
4. Micrel, Inc.: www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com