Electronic Components Datasheet Search
  English  ▼

X  

MIC33153 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC33153
Description  4MHz PWM 1.2A Internal Inductor Buck Regulator with HyperLight Load and Power Good
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC33153 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC33153 Datasheet HTML 1Page - Micrel Semiconductor MIC33153 Datasheet HTML 2Page - Micrel Semiconductor MIC33153 Datasheet HTML 3Page - Micrel Semiconductor MIC33153 Datasheet HTML 4Page - Micrel Semiconductor MIC33153 Datasheet HTML 5Page - Micrel Semiconductor MIC33153 Datasheet HTML 6Page - Micrel Semiconductor MIC33153 Datasheet HTML 7Page - Micrel Semiconductor MIC33153 Datasheet HTML 8Page - Micrel Semiconductor MIC33153 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Micrel Inc.
MIC33153
September 2010
2
M9999-092910-A
Ordering Information
Part Number
1
Marking Code
Nominal Output
Voltage
Junction Temperature
Range
Package
2
MIC33153-4YHJ
−4
33153
1.2V
–40°C to +125°C
14-pin 3.0 x 3.5 x 1.1mm MLF
®
MIC33153YHJ
MIC
33153
Adjustable
–40°C to +125°C
14-pin 3.0 x 3.5 x 1.1mm MLF
®
Notes:
1.
Other options available (1V - 3.3V). Contact Micrel Marketing for details.
2.
MLF
® is GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
14- Pin 3.0mm x 3.5mm MLF
® (HJ)
Fixed Output Voltage
(Top View)
14- Pin 3.0mm x 3.5mm MLF
® (HJ)
Adjustable Output Voltage
(Top View)
Pin Description
Pin
Number
(Fixed)
Pin
Number
(Adjustable)
Pin
Name
Pin Function
1
1
SS
Soft Start: Place a capacitor from this pin to ground to program the soft start time.
Do not leave floating, 100pF minimum CSS is required.
2
2
AGND
Analog Ground: Connect to central ground point where all high current paths meet
(CIN, COUT, PGND) for best operation.
3
3
VIN
Input Voltage: Connect a capacitor to ground to decouple the noise.
4
4
PGND
Power Ground.
5,6,7
5,6,7
OUT
Output Voltage: The output of the regulator. Connect to SNS pin. For adjustable option,
connect to feedback resistor network.
8,9,10
8,9,10
SW
Switch: Internal power MOSFET output switches before Inductor
11
11
EN
Enable: Logic high enables operation of the regulator. Logic low will shut down the device.
Do not leave floating.
12
12
SNS
Sense: Connect to VOUT as close to output capacitor as possible to sense output voltage.
13
13
PG
Power Good: Open drain output for the Power Good (PG) indicator. Use a pull up resistor
from this pin to a voltage source to detect a power good condition.
14
−
NC
Not Internally Connected.
−
14
FB
Feedback: Connect a resistor divider from the output to ground to set the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com