Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1352 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXLD1352
Description  30V 350mA LED DRIVER WITH 1000:1 PWM DIMMING AND AEC-Q100
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1352 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXLD1352 Datasheet HTML 1Page - Diodes Incorporated ZXLD1352 Datasheet HTML 2Page - Diodes Incorporated ZXLD1352 Datasheet HTML 3Page - Diodes Incorporated ZXLD1352 Datasheet HTML 4Page - Diodes Incorporated ZXLD1352 Datasheet HTML 5Page - Diodes Incorporated ZXLD1352 Datasheet HTML 6Page - Diodes Incorporated ZXLD1352 Datasheet HTML 7Page - Diodes Incorporated ZXLD1352 Datasheet HTML 8Page - Diodes Incorporated ZXLD1352 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
ZXLD1352
ZXLD1352
Document number: DS33469 Rev. 3 - 2
1 of 21
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
30V 350mA LED DRIVER WITH 1000:1 PWM DIMMING AND AEC-Q100
Description
The ZXLD1352 is a continuous mode inductive step-down
converter with integrated switch and high side current sense.
It operates from an input supply from 7V to 30V driving
single
and
multiple
series
connected
LEDs
effciently
externally adjustable output current up to 350mA.
The ZXLD1352 has been qualified to AEC-Q100 Grade
2 allowing it to operate at ambient temperatures from -40 to
105°C.
DC voltage or a PWM waveform. 1000:1 adjustment of
output current is possible using PWM control. Applying a
voltage of 0.2V or lower to the ADJ pin turns the output off
and switches the device into a low current standby state.
Pin Assignments
Features
•
Simple low parts count
•
Single pin on/off and brightness control using DC voltage
or PWM
•
1000:1 PWM dimming range
•
High efficiency (up to 95%)
*
•
Wide input voltage range: 7V to 30V
•
40V transient capability
•
Up to 1MHz switching frequency
•
Typical 4% output current accuracy
•
Qualified to AEC-Q100 Grade 2
•
Available in Green molding (no Br, Sb) with lead free
finish/RoHS compliant
Applications
• Low voltage halogen replacement LEDs
• Automotive lighting
• Low voltage industrial lighting
• LED back-up lighting
• Illuminated signs
Typical Application Circuit
* Using standard external components as specified under electrical characteristics. Efficiency is dependent upon the number of LEDs driven and on external
component types and values.
I
SENSE
V
IN
ADJ
GND
LX
TSOT23-5
Top View
V
IN
I
SENSE
LX
GND
ZXLD1352
ADJ
VIN
(12V - 30V)
Rs
0.33
1µF
C1
GND
D1
ZLLS1000
47mH
L1
PW M


Similar Part No. - ZXLD1352

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1352 ZETEX-ZXLD1352 Datasheet
655Kb / 22P
350mA LED driver with internal switch and enhanced PWM dimming range
ZXLD1352ET5TA ZETEX-ZXLD1352ET5TA Datasheet
655Kb / 22P
350mA LED driver with internal switch and enhanced PWM dimming range
More results

Similar Description - ZXLD1352

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16803 MAXIM-MAX16803 Datasheet
327Kb / 12P
High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 0; 5/06
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
MAX16836 MAXIM-MAX16836 Datasheet
176Kb / 11P
High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 5/08
logo
Zetex Semiconductors
ZXLD1352 ZETEX-ZXLD1352 Datasheet
655Kb / 22P
350mA LED driver with internal switch and enhanced PWM dimming range
logo
Maxim Integrated Produc...
MAX16803 MAXIM-MAX16803_09 Datasheet
179Kb / 11P
High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
MAX16836 MAXIM-MAX16836_09 Datasheet
182Kb / 11P
High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 2; 4/09
logo
Diodes Incorporated
ZXLD1350 DIODES-ZXLD1350 Datasheet
467Kb / 22P
30V 350mA LED DRIVER with AEC-Q100
Rev 7
ZXLD1360 DIODES-ZXLD1360 Datasheet
319Kb / 25P
d30V 1A LED DRIVER with AEC-Q100
Rev 3
logo
Maxim Integrated Produc...
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
logo
Monolithic Power System...
MPQ3324 MPS-MPQ3324 Datasheet
1Mb / 29P
8-Channel, 100mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface, AEC-Q100
Rev. 1.0 2/18/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com