Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1352 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXLD1352
Description  30V 350mA LED DRIVER WITH 1000:1 PWM DIMMING AND AEC-Q100
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1352 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXLD1352 Datasheet HTML 1Page - Diodes Incorporated ZXLD1352 Datasheet HTML 2Page - Diodes Incorporated ZXLD1352 Datasheet HTML 3Page - Diodes Incorporated ZXLD1352 Datasheet HTML 4Page - Diodes Incorporated ZXLD1352 Datasheet HTML 5Page - Diodes Incorporated ZXLD1352 Datasheet HTML 6Page - Diodes Incorporated ZXLD1352 Datasheet HTML 7Page - Diodes Incorporated ZXLD1352 Datasheet HTML 8Page - Diodes Incorporated ZXLD1352 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ZXLD1352
ZXLD1352
Document number: DS33469 Rev. 3 - 2
3 of 21
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Voltages to GND Unless Otherwise Stated)
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
-0.3 to +30
(40V for 0.5 sec)
V
VSENSE
ISENSE Voltage
+0.3 to -5
(measured with respect to VIN)
V
VLX
LX Output Voltage
-0.3 to +30
(40V for 0.5 sec)
V
VADJ
Adjust Pin Input Voltage
-0.3 to +6
V
ILX
Switch Output Current
500
mA
PTOT
Power Dissipation
(Refer to Package thermal de-rating curve on page 17)
450
mW
TST
Storage Temperature
-55 to 150
°C
TJ MAX
Junction Temperature
150
°C
These are stress ratings only. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended
periods, may reduce device reliability.
Thermal Resistance
Symbol
Parameter
Rating
Unit
θJA
Junction to Ambient
200
°C/W
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Units
VIN
Input voltage
7
30
V
tOFFMIN
Minimum switch off-time
200
ns
tONMIN
Minimum switch on-time
200
ns
fLXmax
Recommended maximum operating frequency
1
MHz
DLX
Duty cycle range
0.01
0.99
TA
Ambient Temperature range
-40
105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com