Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1352 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXLD1352
Description  30V 350mA LED DRIVER WITH 1000:1 PWM DIMMING AND AEC-Q100
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1352 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXLD1352 Datasheet HTML 1Page - Diodes Incorporated ZXLD1352 Datasheet HTML 2Page - Diodes Incorporated ZXLD1352 Datasheet HTML 3Page - Diodes Incorporated ZXLD1352 Datasheet HTML 4Page - Diodes Incorporated ZXLD1352 Datasheet HTML 5Page - Diodes Incorporated ZXLD1352 Datasheet HTML 6Page - Diodes Incorporated ZXLD1352 Datasheet HTML 7Page - Diodes Incorporated ZXLD1352 Datasheet HTML 8Page - Diodes Incorporated ZXLD1352 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ZXLD1352
ZXLD1352
Document number: DS33469 Rev. 3 - 2
4 of 21
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Electrical Characteristics (Test conditions: V
IN = 12V, T
amb = 25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VSU
Internal regulator start-up threshold
VIN rising
4.8
V
IINQoff
Quiescent supply current
with output off
ADJ pin grounded
20
30
µA
IINQon
Quiescent supply current
with output switching
ADJ pin floating
f = 250kHz
250
500
µA
VSENSE
Mean current sense threshold voltage
(defines LED current setting accuracy)
Measured on ISENSE pin with respect
to VIN VADJ =1.25V
95
100
105
mV
VSENSEHYS
Sense threshold hysteresis
±15
%
ISENSE
ISENSE pin input current
VSENSE = VIN -0.1
1.25
10
µA
VREF
Internal reference voltage
Measured on ADJ pin with pin floating
1.21
1.25
1.29
V
ΔV
REF /ΔT
Temperature coefficient of VREF
50
ppm/°C
VADJ
External control voltage range on ADJ
pin for dc brightness control
1
0.3
2.5
V
VADJoff
DC voltage on ADJ pin to switch device
from active (on) state to quiescent (off)
state
VADJ falling
0.15
0.2
0.25
V
VADJon
DC voltage on ADJ pin to switch device
from quiescent (off) state to active (on)
state
VADJ rising
0.2
0.25
0.3
V
RADJ
Resistance between ADJ pin and VREF
35
65
k
Ω
ILXmean
Continuous LX switch current
0.37
A
RLX
LX Switch ‘On’ resistance
1.5
2
Ω
ILX(leak)
LX switch leakage current
1
µA
DPWM(LF)
Duty cycle range of PWM signal
applied to ADJ pin during PWM
dimming mode
PWM frequency 100Hz – 1kHz
PWM amplitude = VREF
Measured on ADJ pin
0.001
1
Brightness control range
1000:1
fLX
Operating frequency
(See graphs for more detail)
ADJ pin floating
L=100µH (0.82V)
IOUT=350mA @ VLED=3.4V
Driving 1 LED
250
kHz
tPD
Internal comparator propagation delay
50
ns
Notes:
1. Production testing of the device is performed at 25°C. Functional operation of the device and parameters specified over a -40°C to +105°C temperature
range, are guaranteed by design, characterization and process control.
2. 100% brightness corresponds to VADJ = VADJ(nom) = VREF. Driving the ADJ pin above VREF will increase the VSENSE threshold and output current
proportionally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com