Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1352 Datasheet(PDF) 19 Page - Diodes Incorporated

Part # ZXLD1352
Description  30V 350mA LED DRIVER WITH 1000:1 PWM DIMMING AND AEC-Q100
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1352 Datasheet(HTML) 19 Page - Diodes Incorporated

Back Button ZXLD1352 Datasheet HTML 13Page - Diodes Incorporated ZXLD1352 Datasheet HTML 14Page - Diodes Incorporated ZXLD1352 Datasheet HTML 15Page - Diodes Incorporated ZXLD1352 Datasheet HTML 16Page - Diodes Incorporated ZXLD1352 Datasheet HTML 17Page - Diodes Incorporated ZXLD1352 Datasheet HTML 18Page - Diodes Incorporated ZXLD1352 Datasheet HTML 19Page - Diodes Incorporated ZXLD1352 Datasheet HTML 20Page - Diodes Incorporated ZXLD1352 Datasheet HTML 21Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
ZXLD1352
ZXLD1352
Document number: DS33469 Rev. 3 - 2
19 of 21
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Dimming Output Current Using PWM
When the ADJ pin is driven with a low frequency PWM signal (eg 100Hz), with a high level voltage VADJ and a low level of zero,
the output current will be switched on and off at the PWM frequency, resulting in an average output current IOUTavg proportional
to the PWM duty cycle. (See Figure 2)
Figure 3. Low Frequency PWM Operating Waveforms
The average value of output current in this mode is given by:
The average value of output current is given by:
IOUTavg = 0.1DPWM/RS
for DPWM >0.01
PWM dimming is preferable to DC dimming if optimum LED 'whiteness' is required. It will also provide the widest possible
dimming range (approx. 1000:1) and higher efficiency at the expense of greater output ripple.
VADJ
PWM Voltage
Ton
IOUTavg
0V
0
Toff
0.1/Rs
IOUTnom
Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com