Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1352 Datasheet(PDF) 20 Page - Diodes Incorporated

Part # ZXLD1352
Description  30V 350mA LED DRIVER WITH 1000:1 PWM DIMMING AND AEC-Q100
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1352 Datasheet(HTML) 20 Page - Diodes Incorporated

Back Button ZXLD1352 Datasheet HTML 13Page - Diodes Incorporated ZXLD1352 Datasheet HTML 14Page - Diodes Incorporated ZXLD1352 Datasheet HTML 15Page - Diodes Incorporated ZXLD1352 Datasheet HTML 16Page - Diodes Incorporated ZXLD1352 Datasheet HTML 17Page - Diodes Incorporated ZXLD1352 Datasheet HTML 18Page - Diodes Incorporated ZXLD1352 Datasheet HTML 19Page - Diodes Incorporated ZXLD1352 Datasheet HTML 20Page - Diodes Incorporated ZXLD1352 Datasheet HTML 21Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
ZXLD1352
ZXLD1352
Document number: DS33469 Rev. 3 - 2
20 of 21
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Ordering Information
Device
Package
Reel Size
(mm)
Tape Width
(mm)
Quantity
(per reel)
Part
Marking
ZXLD1352ET5TA
TSOT23-5
180
8
3000
1352
Package Outline Dimensions
TSOT23-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com