Electronic Components Datasheet Search
  English  ▼

X  

LT5571 Datasheet(PDF) 1 Page - Linear Technology

Part # LT5571
Description  200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5571 Datasheet(HTML) 1 Page - Linear Technology

  LT5571 Datasheet HTML 1Page - Linear Technology LT5571 Datasheet HTML 2Page - Linear Technology LT5571 Datasheet HTML 3Page - Linear Technology LT5571 Datasheet HTML 4Page - Linear Technology LT5571 Datasheet HTML 5Page - Linear Technology LT5571 Datasheet HTML 6Page - Linear Technology LT5571 Datasheet HTML 7Page - Linear Technology LT5571 Datasheet HTML 8Page - Linear Technology LT5571 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LTC5588-1
1
55881fb
TYPICAL APPLICATION
FEATURES
DESCRIPTION
200MHz to 6000MHz
Quadrature Modulator
with Ultrahigh OIP3
The LTC®5588-1 is a direct conversion I/Q modulator
designed for high performance wireless applications. It
allows direct modulation of an RF signal using differential
baseband I and Q signals. It supports LTE, GSM, EDGE,
TD-SCDMA, CDMA, CDMA2000, W-CDMA, WiMax and
other communication standards. It can also be config-
ured as an image reject upconverting mixer, by applying
90° phase-shifted signals to the I and Q inputs. The I/Q
baseband inputs drive double-balanced mixers. An on-
chip balun converts the differential mixer signals to a 50Ω
single-ended RF output. Four balanced I and Q baseband
input ports are DC-coupled with a common mode volt-
age level of 0.5V. The LO path consists of an LO buffer
with single-ended or differential inputs and precision
quadrature generators to drive the mixers. The supply
voltage range is 3.15V to 3.45V. An external voltage can
be applied to the LINOPT pin to further improve 3rd-order
linearity performance. Accurate temperature dependent
calibrations can be performed using the on-chip thermistor.
200MHz to 6000MHz Direct Conversion Transmitter Application
APPLICATIONS
n Frequency Range: 200MHz to 6000MHz
n OutputIP3:+31dBmTypicalat2140MHz(Uncalibrated)
+35dBm Typical (User Optimized)
n Single Pin Calibration to Optimize OIP3
n Low Output Noise Floor at 6MHz Offset:
No RF: –160.6dBm/Hz
POUT = 5dBm: –155.5dBm/Hz
n Integrated LO Buffer and LO Quadrature Phase
Generator
n High Impedance DC Interface to Baseband Inputs
with 0.5V Common Mode Voltage*
n 50Ω Single-Ended LO and RF Ports
n 3.3V Operation
n Fast Turn-Off/On: 10ns/17ns
n Temperature Sensor (Thermistor)
n 24-Lead UTQFN 4mm
× 4mm Package
n LTE, GSM/EDGE, W-CDMA, TD-SCDMA, CDMA2K,
WiMax Basestations
n Image Reject Upconverters
n Point-to-Point Microwave Links
n Broadcast Modulator
n Military Radio
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
*Contact LTC Marketing for other common mode voltage versions.
90
0
LTC5588-1
VCC
V
I
V
I
1nF
50Ω
1nF
6.8pF
3.3V
0.2pF
BASEBAND
GENERATOR
RF = 200MHz
TO 6000MHz
1nF + 4.7μF
2
EN
I-CHANNEL
Q-CHANNEL
55881 TA01a
I-DAC
Q-DAC
VCO/SYNTHESIZER
PA
LINOPT
LTC2630
ACPR, AltCPR and ACPR, AltCPR
with Optimized LINOPT Voltage vs RF
Output Power at 2.14GHz for
W-CDMA 1, 2 and 4 Carriers
RF OUTPUT POWER PER CARRIER (dBm)
–20
–60
–50
–40
4C
2C
1C
0
55881 TA01b
–70
–80
–90
–15
–10
–5
5
ACPR
ACPR (OPT)
AltCPR
AltCPR (OPT)
DOWNLINK TEST
MODEL 64 DPCH
fBB = 140MHz,
fLO = 2280MHz


Similar Part No. - LT5571

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5571 LINER-LT5571 Datasheet
319Kb / 16P
620MHz - 1100MHz High Linearity Direct Quadrature Modulator
LT5571EUF LINER-LT5571EUF Datasheet
319Kb / 16P
620MHz - 1100MHz High Linearity Direct Quadrature Modulator
LT5571 LINER-LT5571_15 Datasheet
325Kb / 16P
620MHz ??1100MHz High Linearity Direct Quadrature Modulator
More results

Similar Description - LT5571

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2402 RFMD-RF2402 Datasheet
84Kb / 6P
UHF QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
QUADRATURE MODULATOR/DEMODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
DIRECT QUADRATURE MODULATOR
logo
Linear Technology
LTC5588-1 LINER-LTC5588-1_15 Datasheet
690Kb / 30P
200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
logo
Texas Instruments
TRF370417-DIE TI1-TRF370417-DIE Datasheet
111Kb / 6P
QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com