Electronic Components Datasheet Search
  English  ▼

X  

LT5571 Datasheet(PDF) 22 Page - Linear Technology

Part # LT5571
Description  200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5571 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT5571 Datasheet HTML 18Page - Linear Technology LT5571 Datasheet HTML 19Page - Linear Technology LT5571 Datasheet HTML 20Page - Linear Technology LT5571 Datasheet HTML 21Page - Linear Technology LT5571 Datasheet HTML 22Page - Linear Technology LT5571 Datasheet HTML 23Page - Linear Technology LT5571 Datasheet HTML 24Page - Linear Technology LT5571 Datasheet HTML 25Page - Linear Technology LT5571 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
LTC5588-1
22
55881fb
Table 6: Differential LO Input Impedance vs Frequency for
EN = High and PLO = 10dBm
FREQUENCY
(MHz)
LO
DIFFERENTIAL
INPUT
IMPEDANCE
REFLECTION COEFFICIENT
MAG
ANGLE
0.2
134-j48
0.247
–43
0.25
126-j51
0.247
–50
0.3
119-j46
0.223
–55
0.4
109-j45
0.215
–66
0.5
100-j40
0.194
–79
0.6
97-j36
0.181
–84
0.7
94-j36
0.184
–90
0.8
90-j35
0.186
–96
0.9
84-j34
0.198
–104
1.0
83-j33
0.198
–107
1.2
77-j36
0.237
–111
1.4
76-j37
0.243
–111
1.6
73-j38
0.262
–113
1.8
74-j37
0.254
–113
2.0
74-j35
0.251
–115
2.5
78-j28
0.199
–120
3.0
74-j15
0.173
–145
3.5
67-j2.9
0.197
–174
4.0
58+j7.3
0.275
168
4.5
51+j15
0.338
158
5.0
42+j18
0.433
156
5.5
34+j20
0.515
156
6.0
27+j16
0.596
160
APPLICATIONS INFORMATION
Table 7: Differential LO Input Impedance vs Frequency for
EN = Low and PLO = 10dBm
FREQUENCY
(MHz)
LO
DIFFERENTIAL
INPUT
IMPEDANCE
REFLECTION COEFFICIENT
MAG
ANGLE
0.2
131-j48
0.243
–45
0.25
125-j52
0.250
–52
0.3
117-j46
0.221
–58
0.4
107-j45
0.215
–69
0.5
98-j40
0.197
–81
0.6
95-j36
0.183
–87
0.7
92-j35
0.186
–93
0.8
88-j34
0.188
–99
0.9
83-j33
0.200
–107
1.0
82-j32
0.199
–110
1.2
75-j35
0.237
–114
1.4
76-j35
0.240
–113
1.6
72-j36
0.259
–115
1.8
74-j35
0.248
–115
2.0
73-j33
0.245
–118
2.5
77-j25
0.191
–125
3.0
73-j12
0.172
–152
3.5
66-j0.2
0.206
180
4.0
56+j10
0.293
164
4.5
49+j18
0.362
154
5.0
39+j21
0.459
153
5.5
32+j22
0.538
153
6.0
25+j18
0.619
158



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com