Electronic Components Datasheet Search
  English  ▼

X  

LT5571 Datasheet(PDF) 30 Page - Linear Technology

Part # LT5571
Description  200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5571 Datasheet(HTML) 30 Page - Linear Technology

Back Button LT5571 Datasheet HTML 22Page - Linear Technology LT5571 Datasheet HTML 23Page - Linear Technology LT5571 Datasheet HTML 24Page - Linear Technology LT5571 Datasheet HTML 25Page - Linear Technology LT5571 Datasheet HTML 26Page - Linear Technology LT5571 Datasheet HTML 27Page - Linear Technology LT5571 Datasheet HTML 28Page - Linear Technology LT5571 Datasheet HTML 29Page - Linear Technology LT5571 Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
LTC5588-1
30
55881fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2010
LT 0311 REV B • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
Infrastructure
LT
®5518
1.5GHz to 2.4GHz High Linearity Direct Quadrature
Modulator
22.8dBm OIP3 at 2GHz, –158.2dBm/Hz Noise Floor, 3kΩ 2.1VDC
Baseband Interface, 5V/128mA Supply
LT5528
1.5GHz to 2.4GHz High Linearity Direct Quadrature
Modulator
21.8dBm OIP3 at 2GHz, –159.3dBm/Hz Noise Floor, 50Ω 0.5VDC
Baseband Interface, 5V/128mA Supply
LT5558
600MHz to 1100MHz High Linearity Direct Quadrature
Modulator
22.4dBm OIP3 at 900MHz, –158dBm/Hz Noise Floor, 3kΩ 2.1VDC
Baseband Interface, 5V/108mA Supply
LT5568
700MHz to 1050MHz High Linearity Direct Quadrature
Modulator
22.9dBm OIP3 at 850MHz, –160.3dBm/Hz Noise Floor, 50Ω 0.5VDC
Baseband Interface, 5V/117mA Supply
LT5571
620MHz to 1100MHz High Linearity Direct Quadrature
Modulator
21.7dBm OIP3 at 900MHz, –159dBm/Hz Noise Floor, Hi-Z 0.5VDC
Baseband Interface, 5V/97mA Supply
LT5572
1.5GHz to 2.5GHz High Linearity Direct Quadrature
Modulator
21.6dBm OIP3 at 2GHz, –158.6dBm/Hz Noise Floor, Hi-Z 0.5VDC
Baseband Interface, 5V/120mA Supply
LTC5598
5MHz to 1600MHz High Linearity Direct Quadrature
Modulator
27.7dBm OIP3 at 140MHz, –160dBm/Hz Noise Floor with POUT = 5dBm
LTC5540/LTC5541/
LTC5542/LTC5543
600MHz to 4GHz High Linearity Downconverting Mixers
IIP3 = 26.4dBm, 8dB Conversion Gain, <10dB NF, 3.3V/190mA Supply
Current
LT5527
400MHz to 3.7GHz, 5V Downconverting Mixer
2.3dB Gain, 23.5dBm IIP3, 12.5dB NF at 1900MHz, 5V/78mA Supply
Current
LT5557
400MHz to 3.7GHz, 3.3V Downconverting Mixer
2.9dB Gain, 24.7dBm IIP3, 11.7dB NF at 1950MHz, 3.3V/82mA Supply
Current
RF Power Detector
LT5581
6GHz Low Power RMS Detector
40dB Dynamic Range, ±1dB Accuracy Over Temperature, 1.5mA Supply
Current
LTC5582
40MHz to 10GHz RMS Power Detector
57dB Dynamic Range, ±1dB Accuracy Over Temperature, Single-Ended
RF Input (No Transformer)
Figure 14. 200MHz to 6000MHz Direct Conversion Transmitter Application
90
0
LTC5588-1
VCC
1nF
50Ω
1nF
6.8pF
3.3V
0.2pF
BASEBAND
GENERATOR
RF = 200MHz
TO 6000MHz
1nF + 4.7μF
2
EN
21
22
10
9
34
7
5
6
4
LD
SCK
SDI
1
12,14,17,
19, 26
2, 5, 8, 11, 20
23, 25
1
I-CHANNEL
Q-CHANNEL
55881 F14
I-DAC
Q-DAC
VCO/SYNTHESIZER
PA
LINOPT
3.3V
DAC
LTC2630
24
18
2
3
V
I
V
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com