Electronic Components Datasheet Search
  English  ▼

X  

LT5571 Datasheet(PDF) 5 Page - Linear Technology

Part # LT5571
Description  200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5571 Datasheet(HTML) 5 Page - Linear Technology

  LT5571 Datasheet HTML 1Page - Linear Technology LT5571 Datasheet HTML 2Page - Linear Technology LT5571 Datasheet HTML 3Page - Linear Technology LT5571 Datasheet HTML 4Page - Linear Technology LT5571 Datasheet HTML 5Page - Linear Technology LT5571 Datasheet HTML 6Page - Linear Technology LT5571 Datasheet HTML 7Page - Linear Technology LT5571 Datasheet HTML 8Page - Linear Technology LT5571 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LTC5588-1
5
55881fb
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC5588-1 is guaranteed functional over the operating
temperature range from –40°C to 85°C.
Note 3: At 6MHz offset from the LO signal frequency. 100nF between BBPI
and BBMI, 100nF between BBPQ and BBMQ.
Note 4: Baseband inputs are driven with 4.5MHz and 5.5MHz tones.
Note 5: IM2 is measured at fLO – 10MHz.
Note 6: IM3 is measured at fLO – 3.5MHz and fLO – 6.5MHz.
OIP3 = lowest of (1.5 • P{fLO-5.5MHz} – 0.5 • P{fLO-6.5MHz})
and (1.5 • P{fLO-4.5MHz} – 0.5 • P{fLO-3.5MHz}).
Note 7: Without image or LO feedthrough nulling (unadjusted).
ELECTRICAL CHARACTERISTICS V
CC = 3.3V, EN = 3.3V, TA = 25°C, LOP AC-terminated with 50Ω to ground,
BBPI, BBMI, BBPQ, BBMQ common mode DC voltage VCMBB = 0.5VDC, I and Q baseband input signal = 100kHz CW, 1VP-P(DIFF) each, I
and Q 90° shifted, lower sideband selection, LINOPT pin floating, unless otherwise noted. Test circuit is shown in Figure 8.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OP1dB
Output 1dB Compression
1.9
dBm
OIP2
Output 2nd-Order Intercept
(Notes 4, 5)
35.4
dBm
OIP3
Output 3rd-Order Intercept
(Notes 4, 6)
17.9
dBm
NFloor
RF Output Noise Floor
No Baseband AC Input Signal (Note 3)
–156.7
dBm/Hz
IR
Image Rejection
(Note 7)
–32.3
dBc
LOFT
Carrier Leakage (LO Feedthrough)
(Note 7)
–30.2
dBm
Baseband Inputs (BBPI, BBMI, BBPQ, BBMQ)
BWBB
Baseband Bandwidth
–1dB Bandwidth, RSOURCE = 25Ω, Single Ended
430
MHz
Ib(BB)
Baseband Input Current
Single Ended
–136
μA
RIN(SE)
Input Resistance
Single Ended
–3
kΩ
VCMBB
DC Common Mode Voltage
Externally Applied
0.5
V
VSWING
Amplitude Swing
No Hard Clipping, Single Ended
0.86
VP-P
Power Supply (VCC1, VCC2)
VCC
Supply Voltage
3.15
3.3
3.45
V
ICC(ON)
Supply Current
EN = High
275
303
325
mA
ICC(OFF)
Supply Current, Sleep Mode
EN = 0V
33
900
μA
tON
Turn-On Time
EN = Low to High (Notes 8, 13)
17
ns
tOFF
Turn-Off Time
EN = High to Low (Notes 9, 13)
10
ns
tON(IR)
Image Rejection Settling
EN = Low to High, <–60dBc (Note 13)
80
ns
tON(LO)
LO Suppression Settling
EN = Low to High, <–60dBm (Note 13)
85
ns
tON(PHASE)
Phase Settling
EN = Low to High, Phase < 0.5°, fLOM = fRF = 2.14GHz,
Constant Board Temperature
70
ns
VLINOPT(ON) LINOPT Voltage
Floating LINOPT Pin, EN = High
2.56
V
VLINOPT(OFF) LINOPT Voltage, Sleep Mode
Floating LINOPT Pin, EN = Low
3.3
V
Enable Pin
Enable
Input High Voltage
Input High Current
EN = High
EN = 3.3V
2
80
V
nA
Sleep
Input Low Voltage
Input Low Current
EN = Low
EN = 0V
33
1
V
μA
Temperature Sensor (Thermistor) (Note 14)
RT
Thermistor Resistance
EN = Low, IRT = 100μA
1.385
kΩ
Temperature Slope
EN = Low, IRT = 100μA
11
Ω/°C
Note 8: RF power is within 10% of final value.
Note 9: RF power is at least 30dB down from its ON state.
Note 10: RF matching center frequency is set below band center
frequency in order to align RF passband center frequency with band center
frequency.
Note 11: An external voltage is optimally set at the LINOPT pin for best
output 3rd-order intercept.
Note 12: I and Q baseband Input signal = 10MHz CW, 0.8VP-P, DIFF each,
I and Q 0° shifted.
Note 13: fLOM = 2.14GHz, PLOM = 0dBm, fBB = 134MHz; LO feedthrough
and image rejection is nulled during previous EN = high cycles, C5 = C6 =
10pF; C13 = 0; Extra 680μF capacitors (SANYO 6SEPC680M) from TP1 to
ground and TP2 to ground, RF noise filter with 93MHz bandwidth is used.
Note 14: Thermistor performance is guaranteed by Design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com