Electronic Components Datasheet Search
  English  ▼

X  

33793 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 33793
Description  Distributed System Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33793 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 33793 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Analog Integrated Circuit Device Data
22
Freescale Semiconductor
33793
TYPICAL APPLICATIONS
TYPICAL APPLICATIONS
COMMUNICATION FORMAT
DSI messages are composed of individual words
separated by a frame delay. Transfers are full duplex.
Command messages from the master occur at the same time
as responses from the slaves. Slave responses to commands
occur during the next command message. This allows slaves
time to decode the command, retrieve the information and
prepare to send it to the master. A bus traffic example is
shown in Figure 6.
The example shows three commands separated by the
minimum frame delay followed by a command after a longer
delay.
Figure 6. Bus Traffic Example
IO0
H_CAP
BUSOUT
BUSRTN
LOGOUT
REGOUT
IO1
IO2
IO3
BUSIN
Rectifiers
Bus Switch
0 – 35 V Bi-Directional
Forward Receiver
Reverse Receiver
Data
Frame
Received
Message
from MCU
Bandgap
Reference
Data
Frame
Bandgap
Reference
1.0
μF
Typical
Response
Current
0 –11 mA
7.0 mA/
μS
Oscillator
4.0 MHz
Logic
Command Decode
State Machine
Response Generation
I/O Buffers
DataOut <3:0>
DataOut <0>
DataOut <1>
DataOut <2>
DataOut <3>
I/O<3:0>
I/O0
I/O1
I/O2
I/O3
SEL
Logic Out
High Current
Buffer
Address A<3:0>
4 Bits NVM
Power
Management
5.0 V Regulator
BG Reference
Bias Currents
4:1
MUX
ADC
8 Bits
4
Supply Comparators
POR
Undervoltage
Detector
BG
GND
4.7
μF
Bus Return
Master
Slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com