Electronic Components Datasheet Search
  English  ▼

X  

33793 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 33793
Description  Distributed System Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33793 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 33793 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
19
33793
FUNCTIONAL DEVICE OPERATION
DSI COMMANDS AND RESPONSES
device address register on the next and all subsequent
power-ups. If the device is not blank, this command will return
the programmed value during the next message time.
Programming the NVM address to $0 is allowed. This
ensures that the device always acts as a dynamically
addressable device and would be immune to any inadvertent
future NVM programming sequences.
Reads and writes are long-word commands only. The
command format is found in Table 21.
READ/WRITE NVM RESPONSE
This response message is sent during the next message
following a valid Read/Write NVM command to the addressed
device. The response format is found in Table 22. The high
byte is omitted during the short-word response. No response
is generated if the command address field was $0.
CLEAR LOGIC OUT COMMAND
The Clear Logic Out command sets the Logic Out pin to a
logic low. The compliment to this command is the Set Logic
Out. The Logic Out is also cleared at power-up or following a
Clear command. The format of the Clear Logic Out command
is shown in Table 23.
CLEAR LOGIC OUT RESPONSE
This response message is sent during the next message
following a valid Clear Logic Out command to the addressed
device. The response is shown in Table 24. No response is
generated if the command address field was $0.
Table 21. Read/Write NVM Command Format
Data
Address
Command
CRC
1
1
1
1
PA3
PA2
PA1
PA0
A3
A2
A1
A0
1
0
0
1
X3
X2
X1
X0
Legend
A[3:0] = Address bits. These bits are the address of the device
previously sent with the Initialization command. They must match
the address in the PA[3:0] field and the address stored in the
device address register.
PA[3:0] = Program Address bits. These bits are the address that is to be
programmed into the slave.
X[3:0] = Cyclic Redundancy Check (CRC). The CRC as calculated by the
master.
Table 22. Read/Write NVM Response Format
High Byte
Low Byte
CRC
A3
A2
A1
A0
0
0
0
0
1
1
1
1
PA3
PA2
PA1
PA0
X3
X2
X1
X0
Legend
A[3:0] = Address bits. The slave address.
PA[3:0] = Programmed Address bits. The address that was
programmed into the NVM address bits of the slave.
X[3:0] = Cyclic Redundancy Check (CRC). The CRC as calculated by the
slave.
Table 23. Clear Logic Out Command Format
Data
Address
Command
CRC
–
–
–
–
–
–
–
–-
A3
A2
A1
A0
1
1
0
0
X3
X2
X1
X0
Legend
A[3:0] = Address bits. The address of the selected device.
X[3:0] = Cyclic Redundancy Check (CRC). The CRC as calculated by the
master.
Table 24. Clear Logic Out Response Format
High Byte
Low Byte
CRC
A3
A2
A1
A0
0
0
0
0
NV
U
LO
BS
IO3
IO2
IO1
IO0
X3
X2
X1
X0
Legend
A[3:0] = Address bits. The slave address.
BS = Bus Switch Position (1=closed).
LO = Logic out driven level.
IO[3:0] = Values at logic I/Os.
NV = Nonvolatile Memory Write. The value of the NV bit in the slave.
U = Undervoltage indicated true by a “1”.
X[3:0] = Cyclic Redundancy Check (CRC). The CRC as calculated by the
slave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com