Electronic Components Datasheet Search
  English  ▼

X  

33793 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 33793
Description  Distributed System Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33793 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 33793 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
33793
FUNCTIONAL DEVICE OPERATION
DSI COMMANDS AND RESPONSES
REQUEST ID COMMAND
This command will cause the device ID information to be
read from internal storage and returned to the master during
the response to the next message. The command format is
found in Table 18.
REQUEST ID RESPONSE
This response message is sent during the next message
following a valid long-word Request ID command to the
addressed device. The response format is found in Table 19.
The high byte is omitted during the short-word response. No
response is generated if the command address field was $0.
CLEAR COMMAND
This command will open the bus switch and reset all
registers to the reset state. The command format is found in
Table 20. No response is generated for the Clear command.
READ/WRITE NVM COMMAND
If the NV bit has been set by a previous Initialization
command and the NVM has not been programmed
previously, this command will permanently program the
device’s one-time programmable address and return the
programmed value during the next message time. Once
programmed, this nonvolatile address is used to set the
Table 17. I/O Control Response Format
High Byte
Low Byte
CRC
A3
A2
A1
A0
0
0
0
0
L3
L2
L1
L0
DR3
DR2
DR1
DR0
X3
X2
X1
X0
Legend
A[3:0] = Address bits.
DR[3:0] = I/O enabled as outputs (1 = enabled as output).
L[3:0] = Programmed values.
X[3:0] = Cyclic Redundancy Check (CRC). The CRC as calculated by the
slave.
Table 18. Request ID Command Format
Data
Address
Command
CRC
–
–
–
–
–
–
–
–
A3
A2
A1
A0
0
1
0
0
X3
X2
X1
X0
Legend
A[3:0] = Address bits. The address of the selected device. An
address value of “0000” is ignored by all devices.
X[3:0] = Cyclic Redundancy Check (CRC). The CRC as calculated by the
master.
Table 19. Request ID Response Format
Address
Status
Data
CRC
A3
A2
A1
A0
0
0
0
0
V2
V1
V0
0
0
0
1
1
X3
X2
X1
X0
Legend
A[3:0] = Address bits. The slave address.
V[2:0] = Device version number. The silicon version number of the
device. For this device the device type is 00011 as indicated by the
lowest bits.
X[3:0] = Cyclic Redundancy Check (CRC). The CRC as calculated by the
slave.
Table 20. Clear Command Format
Data
Address
Command
CRC
–
–
–
–
–
–
–
–
A3
A2
A1
A0
0
1
1
1
X3
X2
X1
X0
Legend
A[3:0] = Address bits. The address of the selected device. An
address value of “0000” clears all devices.
X[3:0] = Cyclic Redundancy Check (CRC). The CRC as calculated by the
master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com