Electronic Components Datasheet Search
  English  ▼

X  

33880 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33880
Description  Configurable Octal Serial Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33880 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33880_09 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33880
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions 4.75 V
≤ VDD ≤ 5.25 V, 9.0 V ≤ VPWR ≤ 16 V, -40°C ≤ TC ≤ 125°C unless otherwise
noted. Typical values, where applicable, reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Supply Voltage Range
Fully Operational
VPWR(FO)
5.5
–
24.5
V
Supply Current
IPWR(ON)
–
8.0
14
mA
Sleep State Supply Current (VDD and EN = 0 V, VPWR = 16 V)
Temperature = -40°C to 95°C
Temperature = 95°C to 125°C
IPWR(SS)
–
–
2.0
5.0
5.0
20
μA
Overvoltage Shutdown
VOV
25
27
30
V
Overvoltage Shutdown Hysteresis
VOV(HYS)
0.15
0.8
2.5
V
Logic Supply Voltage
VDD
4.75
–
5.25
V
Logic Supply Current
IDD
0.5
2.6
4.0
mA
Logic Supply Undervoltage Lockout Threshold
VDD(UNVOL)
3.9
4.3
4.7
V
Logic Supply Undervoltage Hysteresis
VDD(UNVOL-HYS)
100
150
300
mV
POWER OUTPUT
Drain-to-Source ON Resistance (VPWR = 16 V)
IOUT = 0.25 A, TJ = 125°C
IOUT = 0.25 A, TJ = 25°C
IOUT = 0.25 A, TJ = -40°C
RDS(ON)
–
–
–
0.75
0.55
0.45
1.1
0.85
0.80
Ω
Output Self-Limiting Current High-Side and Low-Side Configurations
VPWR = 16 V
IOUT(LIM)
0.8
1.4
2.0
A
Output Fault Detect Threshold (10), (11)
Outputs Programmed OFF
VOUTth(F)
1.0
–
3.0
V
Output Off Open Load Detect Current (10)
Outputs Programmed OFF
IOCO
0.30
0.55
1.0
mA
Output Clamp Voltage Low-Side Drive
ID = 10 mA
VOC(LSD)
40
45
55
V
Output Clamp Voltage High-Side Drive
IS = -30 mA
VOC(HSD)
-15
-20
-25
V
Output Leakage Current High-Side and Low-Side Configuration
VDD = 0 V, VDS = 16 V
IOUT(LKG)
–
1.0
7.0
μA
Overtemperature Shutdown (11)
TLIM
155
–
185
°C
Overtemperature Shutdown Hysteresis (11)
TLIM(HYST)
5.0
10
15
°C
Notes
10.
Output Fault Detect Thresholds with outputs programmed OFF. Output fault detect threshold are the same for output open and shorts.
11.
This parameter is guaranteed by design but is not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com