Electronic Components Datasheet Search
  English  ▼

X  

33880 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 33880
Description  Configurable Octal Serial Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33880 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 33880_09 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33880
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
TIMING DIAGRAMS
Figure 5. SPI Timing Diagram
Figure 6. Valid Data Delay Time
and Valid Time Test Circuit
Figure 7. Enable and Disable Time Test Circuit
Figure 8. Switching Time Test Circuit
tDO(DIS)
0.7 VDD
0.2 VDD
0.2 VDD
0.7 VDD
0.2 VDD
tLEAD
tDI(SU) tDI(HOLD)
tVALID
tLAG
CS
SCLK
DI
DO
MSB in
MSB out
LSB out
0.7 VDD
0.2 VDD
tDO(EN)
DO
CL = 200 pF
VDD = 5.0 V
SCLK
33880
Under
Test
NOTE: CL represents the total capacitance of the test
fixture and probe.
DO
CL = 200 pF
RL = 1.0 kΩ
CS
33880
Under
Test
NOTE: CL represents the total capacitance of the test
fixture and probe.
VDD = 5.0 V
VPull-Up = 2.5 V
Output
CL
RL = 620 Ω
VPWR = 13 V
CS
33880
Under
Test
NOTE: CL represents the total capacitance of the test
fixture and probe.
VDD = 5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com