Electronic Components Datasheet Search
  English  ▼

X  

33880 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33880
Description  Configurable Octal Serial Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33880 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33880_09 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33880
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 5. Dynamic Electrical Characteristics
Characteristics noted under conditions 4.75 V
≤ VDD ≤ 5.25 V, 9.0 V ≤ VPWR ≤ 16 V, -40°C ≤ TC ≤ 125°C unless otherwise
noted. Typical values, where applicable, reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER OUTPUT TIMING
Output Slew Rate Low-Side Configuration (14)
RL = 620 Ω
tR
0.1
0.5
1.2
V/
μs
Output Slew Rate Low-Side Configuration (14)
RL = 620 Ω
tF
0.1
0.5
1.2
V/
μs
Output Slew Rate High-Side Configuration (14)
RL = 620 Ω
tR
0.1
0.3
1.2
V/
μs
Output Slew Rate High-Side Configuration (14)
RL = 620 Ω
tF
0.1
0.3
1.2
V/
μs
Output Turn ON Delay Time, High-Side and Low-Side Configuration (15)
tDLY(ON)
1.0
15
50
μs
Output Turn OFF Delay Time, High-Side and Low-Side Configuration (15)
tDLY(OFF)
1.0
30
100
μs
Output Fault Delay Time (16)
tFAULT
100
–
300
μs
DIGITAL INTERFACE TIMING
Recommended Frequency of SPI Operation
–
–
4.0
6.0
MHz
Required Low State Duration on VDD for Reset (17)
VDD ≤ 0.2 V
tRESET
–
4.0
10
μs
Falling Edge of CS to Rising Edge of SCLK (Required Setup Time)
tLEAD
100
–
–
ns
Falling Edge of SCLK to Rising Edge of CS (Required Setup Time)
tLAG
50
–
–
ns
DI to Falling Edge of SCLK (Required Setup Time)
tDI(su)
16
–
–
ns
Falling Edge of SCLK to DI (Required Hold Time)
tDI(HOLD)
20
–
–
ns
DI, CS, SCLK Signal Rise Time (18)
tR(DI)
–
5.0
–
ns
DI, CS, SCLK Signal Fall Time (18)
tF(DI)
–
5.0
–
ns
Time from Falling Edge of CS to DO Low Impedance (19)
tDO(EN)
–
–
60
ns
Time from Rising Edge of CS to DO High Impedance (20)
tDO(DIS)
–
–
60
ns
Time from Rising Edge of SCLK to DO Data Valid (21)
tVALID
–
25
60
ns
Notes
14.
Output Rise and Fall time respectively measured across a 620
Ω resistive load at 10 to 90 percent and 90 to 10 percent voltage points.
15.
Output turn ON and OFF delay time measured from 50 percent rising edge of CS to 90 and 10 percent of initial voltage.
16.
Duration of fault before fault bit is set. Duration between access times must be greater than 300
μs to read faults.
17.
This parameter is guaranteed by design but is not production tested.
18.
Rise and Fall time of incoming DI, CS, and SCLK signals suggested for design consideration to prevent the occurrence of double pulsing.
19.
Time required for output status data to be available for use at DO pin.
20.
Time required for output status data to be terminated at DO pin
21.
Time required to obtain valid data out from DO following the rise of SCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com