Electronic Components Datasheet Search
  English  ▼

X  

33880 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33880
Description  Configurable Octal Serial Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33880 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33880_09 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33880
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
DIGITAL INTERFACE
Input Logic Voltage Thresholds (12)
VINLOGIC
0.8
–
2.2
V
IN5, IN6, and EN Input Logic Current
IN5, IN6, EN = 0 V
IIN5, IN6, EN
-10
–
10
μA
IN5, IN6, and EN Pull-Down Current
0.8 V to VDD
IIN5, IN6, EN
30
45
100
μA
SCLK, DI, and Tri-State DO Input
0 V to VDD
ISCK, SI, TriSO
-10
–
10
μA
CS Input Current
CS = VDD
IICS
-10
–
10
μA
CS Pull-Up Current
CS = 0 V
IICS
-30
–
-100
μA
DO High-State Output Voltage
IDO-HIGH = -200 μA
VDOHIGH
VDD- 0.8
–
VDD
V
DO Low-State Output Voltage
IDO-HIGH = 1.6 mA
VDOLOW
–
–
0.4
V
Input Capacitance on SCLK, DI, Tri-State DO, IN5, IN6, EN (13)
CIN
–
–
20
pF
Notes
12.
Upper and lower logic threshold voltage levels apply to DI, CS, SCLK, IN5, IN6, and EN.
13.
This parameter is guaranteed by design but is not production tested.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.75 V
≤ VDD ≤ 5.25 V, 9.0 V ≤ VPWR ≤ 16 V, -40°C ≤ TC ≤ 125°C unless otherwise
noted. Typical values, where applicable, reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com