Electronic Components Datasheet Search
  English  ▼

X  

33880 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 33880
Description  Configurable Octal Serial Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33880 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 33880_09 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33880_09 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
33880
FUNCTIONAL DESCRIPTION
LOGIC POWER (VDD)
The VDD pin supplies logic power to the 33880 device and
is used for power-on reset (POR). To achieve low standby
current on VPWR supply, power must be removed from the
VDD pin. The device will be in reset with all drivers off when
VDD is below 3.9 VDC.
OPEN DRAIN OUTPUT (D1–D8)
The D1–D8 pins are the open drain outputs of the 33880.
For High-Side Drive configurations, the drain pins are
connected to battery supply. In Low-Side Drive
configurations, the drain pins are connected to the low side of
the load. All outputs may be configured individually as
desired. When Low-Side Drive is used, the 33880 limits the
positive transient for inductive loads to 45 V.
SOURCE OUTPUT (S1–S8)
The S1–S8 pins are the source outputs of the 33880. For
High-Side Drive configurations, the source pins are
connected directly to the load. In Low-Side Drive
configurations the source is connected to ground. All outputs
may be configured individually as desired. When High-Side
drive is used, the 33880 will limit the negative transient for
inductive loads to -20 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com