Electronic Components Datasheet Search
  English  ▼

X  

33880 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 33880
Description  Configurable Octal Serial Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33880 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33880 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33880
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
Figure 9. Valid Data Delay Time and Valid Time
Waveforms
Figure 10. Enable and Disable Time Waveforms
Figure 11. Turn-ON/OFF Waveforms
(Low-to-High)
tF(DI)
tR(DI)
0.2 VDD
0.7 VDD
0.2 VDD
0.7 VDD
tVALID
tr(DO)
VOL
VOH
VOL
VOH
tDLY(HL)
tDLY(LH)
0.2 VDD
0.7 VDD (2.5 V)
0
5.0 V
< 50 ns
50%
< 50 ns
DO
SCLK
(High-to-Low)
DO
90%
tR(DI)
tF(DI)
VOH
tSO(DIS)
0
5.0 V
DO
tDO(DIS)
tDO(EN)
tDO(DIS)
tDO(EN)
(Tri-State to Low)
0.7 VDD
0.2 VDD (2.5 V)
<50 ns
<50 ns
CS
90%
DO
(Tri-State to High)
10%
10%
90%
10%
VTri-State
VTri-State
90%
tR(DI)
tF(DI)
VTri-State
VOH
tSO(DIS)
0
5.0 V
DO
tDO(DIS)
tDO(EN)
tDO(DIS)
tDO(EN)
(Tri-State to Low)
0.7 VDD
0.2 VDD (2.5 V)
<50 ns
CS
90%
DO
(Tri-State to High)
10%
10%
90%
10%
VTri-State
<50 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com