Electronic Components Datasheet Search
  English  ▼

X  

33880 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33880
Description  Configurable Octal Serial Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33880 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33880 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33880
ELECTRICAL CHARACTERISTICS
TYPICAL ELECTRICAL CHARACTERISTICS
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 12. IPWR vs. Temperature
Figure 13. Sleep State IPWR vs. Temperature
Figure 14. Sleep State IPWR vs. VPWR
Figure 15. RDS(ON) vs. Temperature @ 250 mA
Figure 16. RDS(ON) vs. VPWR @ 250 mA
Figure 17. Current Limit IOUT(LIM) vs. Temperature
0
25
50
100
125
-40
75
-25
2
4
6
8
10
12
14
TA, Ambient Temperature (°C)
All Outputs ON
All Outputs OFF
VPWR @ 16 V
0
25
50
100
125
-40
75
-25
2
4
6
8
10
12
14
TA, Ambient Temperature
0
25
50
100
125
-40
75
-25
2
4
6
8
10
12
14
TA, Ambient Temperature (°C)
VPWR @ 16 V
5.0
10
15
20
25
0
10
20
30
40
50
60
70
VPWR
TA = 25°C
0
25
50
100
125
-40
75
-25
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TA, Ambient Temperature (°C)
VPWR @ 16 V
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VPWR (V)
5.0
10
15
20
25
0
VPWR @ 16 V
0
25
50
100
125
-40
75
-25
1.0
1.1
1.2
1.3
1.4
1.5
1.6
TA, Ambient Temperature (°C)
VPWR @ 16 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com