Electronic Components Datasheet Search
  English  ▼

X  

33880 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 33880
Description  Configurable Octal Serial Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33880 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 33880 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
33880
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
SHORTED LOAD FAULT
A shorted load (overcurrent) fault can be caused by any
output being shorted directly to supply or an output causing
the device to current limit (linear short).
There are two safety circuits progressively in operation
during load short conditions providing system protection:
1. The device’s output current is monitored in an analog
fashion using SENSEFET
™ approach and current
limited.
2. The device’s output thermal limit is sensed and when
attained causes only the specific faulted output to shut
down. The output will remain off until cooled. The
device will then reassert the output automatically. The
cycle will continue until the fault is remove or the
command bit instructs the output off.
UNDERVOLTAGE SHUTDOWN
An undervoltage VDD condition will result in the global
shutdown of all outputs. The undervoltage threshold is
between 3.9 V and 4.6 V. When VDD goes below the
threshold, all outputs are turned OFF and the Fault Status
(FS) register is cleared. As VDD returns to normal levels, the
FS register will resume normal operation.
An undervoltage condition at the VPWR pin will not cause
output shutdown and reset. When VPWR is between 5.5 V
and 9.0 V, the output will operate per the command word.
However, the status as reported by the serial data output
(DO) pin may not be accurate below 9.0 V VPWR. Proper
operation at VPWR voltages below 5.5 V cannot be
guaranteed.
OUTPUT VOLTAGE CLAMP
Each output of the 33880 incorporates an internal voltage
clamp to provide fast turn-off and transient protection of each
output. Each clamp independently limits the drain-to-source
voltage to 45 V for low-side drive configurations and -20 V for
high-side drive configurations (see Figure 25). The total
energy clamped (EJ) can be calculated by multiplying the
current area under the current curve (IA) times the clamp
voltage (VCL).
Characterization of the output clamps, using a single pulse
non-repetitive method at 0.3 A, indicates the maximum
energy to be 50 mJ at 150°C junction temperature per output.
Figure 25. Output Voltage Clamping
SPI CONFIGURATIONS
The SPI configuration on the 33880 device is consistent
with other devices in the OSS family. This device may be
used in serial SPI or parallel SPI with the 33291 and 33298.
Different SPI configurations may be provided. For more
information, contact Analog Products Division.
REVERSE BATTERY
The 33880 has been designed with reverse battery
protection on the VPWR pin. However, the device does not
protect the load from reverse battery. During the reverse
battery condition, current will flow through the load via the
output MOSFET substrate diode. Under this circumstance
relays may energize and lamps will turn on. If load reverse
battery protection is desired, a diode must be placed in series
with the load.
Current
Area (IA)
Clamp Energy
(EJ = IA x VCL)
Clamp Energy
(EJ = IA x VCL)
Drain Voltage
Source Voltage
Time
Time
Drain-to-Source Clamp
Voltage (VCL = 45 V)
Drain Current
(ID = 0.3 A)
GND
GND
VBAT
Drain-to-Source ON
Voltage (VDS(ON))
Drain-to-Source ON
Voltage (VDS(ON))
Current
Area (IA)
Source Current
(IS = 0.3 A)
Source Clamp Voltage
(VCL = -20 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com