Electronic Components Datasheet Search
  English  ▼

X  

33880 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33880
Description  Configurable Octal Serial Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33880 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33880 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33880
ELECTRICAL CHARACTERISTICS
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 18. Open Load Detect Current vs. Temperature
Figure 19. Open Load Detect Current vs. VPWR
Figure 20. Sleep State Output Leakage vs. VPWR
0
25
50
100
125
-40
75
-25
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TA, Ambient Temperature (°C)
VPWR @ 16 V
High-Side Configuration
5.0
1015
2025
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VPWR (V)
TA = 25°C
5.0
1015
2025
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VPWR (V)
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com