Electronic Components Datasheet Search
  English  ▼

X  

33880 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33880
Description  Configurable Octal Serial Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33880 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33880 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33880
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 33880 Simplified Internal Block Diagram
SPI Bit 4
IN5
SPI Bit 0
OV, POR, SLEEP
~50
μA
~50
μA
D8
D7
D4
D3
D2
D5
SPI and
Logic
Interface
Limit
Open/Short Comparator
Threshold
~1.5 V Open/Short
Control
Drive
Gate
Threshold
Open/Short Comparator
Open
Load
Detect
Current
~650
μA
TLIM
+
–
+
–
+
–
+
–
Current
Limit
Gate
Drive
Control
Open
Load
Detect
Current
_
+
~650
μA
CS
__
SCLK
DI
DO
~50
μA
EN
VDD
~50
μA
IN5
IN6
Internal
Bias
Charge
Pump
Overvoltage
Shutdown/POR
Sleep State
TLIM
Current
_
+
~1.5 V Open/Short
Enable
VPWR
GND
D1
Typical of All 8 Output Drivers
S1
Drain
Outputs
S2
S3
S4
S7
S8
Source
Outputs
D6
S5
S6
Drain
Outputs
Source
Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com