Electronic Components Datasheet Search
  English  ▼

X  

LC75421 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC75421
Description  Electronic Volume Controller for Cars
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75421 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC75421 Datasheet HTML 6Page - Sanyo Semicon Device LC75421 Datasheet HTML 7Page - Sanyo Semicon Device LC75421 Datasheet HTML 8Page - Sanyo Semicon Device LC75421 Datasheet HTML 9Page - Sanyo Semicon Device LC75421 Datasheet HTML 10Page - Sanyo Semicon Device LC75421 Datasheet HTML 11Page - Sanyo Semicon Device LC75421 Datasheet HTML 12Page - Sanyo Semicon Device LC75421 Datasheet HTML 13Page - Sanyo Semicon Device LC75421 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
No. 6866-10/24
LC75421M
Continued from preceding page.
Pin No.
Pin Name
Function
Equivalent circuit
• Capacitor connection pin for configuring treble filter
11
27
LTRE
RTRE
VDD
TRE
• Connect a capacitor of a few tens of µF between Vref and
AVSS (VSS) as a analog ground 0.5 × VDD voltage
generator, current ripple countermeasure.
19
Vref
VDD
Vref
VDD
• Ground pin
3
VSS
• Power supply pin
35
VDD
• Chip enable pin
Data is written to the internal latch and the analog switches
are operated when the level changes from High to Low.
Data transfer is enabled when the level is High.
2
CE
• Serial data pin and clock input pin for control
1
36
DI
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com