Electronic Components Datasheet Search
  English  ▼

X  

LC75421 Datasheet(PDF) 12 Page - Sanyo Semicon Device

Part # LC75421
Description  Electronic Volume Controller for Cars
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75421 Datasheet(HTML) 12 Page - Sanyo Semicon Device

Back Button LC75421 Datasheet HTML 8Page - Sanyo Semicon Device LC75421 Datasheet HTML 9Page - Sanyo Semicon Device LC75421 Datasheet HTML 10Page - Sanyo Semicon Device LC75421 Datasheet HTML 11Page - Sanyo Semicon Device LC75421 Datasheet HTML 12Page - Sanyo Semicon Device LC75421 Datasheet HTML 13Page - Sanyo Semicon Device LC75421 Datasheet HTML 14Page - Sanyo Semicon Device LC75421 Datasheet HTML 15Page - Sanyo Semicon Device LC75421 Datasheet HTML 16Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
No. 6866-12/24
LC75421M
Volume Block Equivalent Circuit Diagram
LIN
R1 = 5434
0 dB
R2 = 4845
–1 dB
R3 = 4319
–2 dB
R4 = 3850
–3 dB
R5 = 3431
–4 dB
R6 = 3058
–5 dB
R7 = 2726
–6 dB
R8 = 2429
–7 dB
R9 = 2165
–8 dB
R10 = 1930
–9 dB
R11 = 1720
–10 dB
R12 = 1533
–11 dB
R13 = 1366
–12 dB
R14 = 1218
–13 dB
R15 = 1085
–14 dB
R16 = 967
–15 dB
R17 = 862
–16 dB
R18 = 768
–17 dB
R19 = 685
–18 dB
R20 = 610
–19 dB
R21 = 544
–20 dB
R22 = 485
–21 dB
R23 = 432
–22 dB
R24 = 385
–23 dB
R25 = 343
–24 dB
R26 = 306
–25 dB
R27 = 273
–26 dB
R28 = 243
R29 = 216
–28 dB
R30 = 193
–29 dB
R31 = 172
–30 dB
R32 = 153
–31 dB
R33 = 137
–32 dB
R34 = 122
–33 dB
R35 = 108
–34 dB
R36 = 97
–35 dB
R37 = 86
–36 dB
R38 = 77
–37 dB
R39 = 68
–38 dB
R40 = 61
–39 dB
R41 = 54
–40 dB
R42 = 48
–41 dB
R43 = 86
–42 dB
R44 = 77
–43 dB
R45 = 69
–44 dB
R46 = 61
–45 dB
R47 = 55
–46 dB
R48 = 49
–47 dB
R49 = 87
–48 dB
R50 = 77
–49 dB
R51 = 69
–50 dB
R52 = 61
–51 dB
R53 = 55
–52 dB
R54 = 49
–53 dB
–54 dB
794
R81
796
R82
798
R83
800
R84
802
R85
804
R86
Same for right channel
Unit: (Resistance:
Ω)
LVref
R55 = 87
R56 = 77
–55 dB
To
Treble
Block
R57 = 69
–56 dB
R58 = 61
–57 dB
R59 = 55
–58 dB
R60 = 49
–59 dB
R61 = 87
–60 dB
R62 = 78
–61 dB
R63 = 69
–62 dB
R64 = 62
–63 dB
R65 = 55
–64 dB
R66 = 49
–65 dB
R67 = 87
–66 dB
R68 = 78
–67 dB
R69 = 69
–68 dB
R70 = 62
–69 dB
R71 = 55
–70 dB
R72 = 49
–71 dB
R73 = 87
–72 dB
R74 = 78
–73 dB
R75 = 69
–74 dB
R76 = 62
–75 dB
R77 = 55
–76 dB
R78 = 49
–77 dB
R79 = 44
–78 dB
R80 = 359
–79 dB
–
∞ dB
–27 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com