Electronic Components Datasheet Search
  English  ▼

X  

LC75421 Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC75421
Description  Electronic Volume Controller for Cars
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75421 Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC75421 Datasheet HTML 7Page - Sanyo Semicon Device LC75421 Datasheet HTML 8Page - Sanyo Semicon Device LC75421 Datasheet HTML 9Page - Sanyo Semicon Device LC75421 Datasheet HTML 10Page - Sanyo Semicon Device LC75421 Datasheet HTML 11Page - Sanyo Semicon Device LC75421 Datasheet HTML 12Page - Sanyo Semicon Device LC75421 Datasheet HTML 13Page - Sanyo Semicon Device LC75421 Datasheet HTML 14Page - Sanyo Semicon Device LC75421 Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
No. 6866-11/24
LC75421M
Equivalent Circuit Input Block Diagram
L1
LSEL0
TOTAL = 50 k
LVref
Same for right channel
Unit: (Resistance:
Ω)
6.702 k
0 dB
5.804 k
+1.25 dB
5.026 k
+2.50 dB
4.352 k
+3.75 dB
3.769 k
+5.00 dB
3.264 k
+6.25 dB
2.826 k
+7.50 dB
2.447 k
+8.75 dB
2.119 k
+10.00 dB
1.835 k
+11.25 dB
1.589 k
+12.50 dB
1.376 k
+13.75 dB
1.192 k
+15.00 dB
1.032 k
+16.25 dB
0.894 k
+17.50 dB
5.774 k
+18.75 dB
L2
L3
L4
L5
50 k
50 k
50 k
50 k
50 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com