Electronic Components Datasheet Search
  English  ▼

X  

LC75421 Datasheet(PDF) 20 Page - Sanyo Semicon Device

Part # LC75421
Description  Electronic Volume Controller for Cars
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75421 Datasheet(HTML) 20 Page - Sanyo Semicon Device

Back Button LC75421 Datasheet HTML 16Page - Sanyo Semicon Device LC75421 Datasheet HTML 17Page - Sanyo Semicon Device LC75421 Datasheet HTML 18Page - Sanyo Semicon Device LC75421 Datasheet HTML 19Page - Sanyo Semicon Device LC75421 Datasheet HTML 20Page - Sanyo Semicon Device LC75421 Datasheet HTML 21Page - Sanyo Semicon Device LC75421 Datasheet HTML 22Page - Sanyo Semicon Device LC75421 Datasheet HTML 23Page - Sanyo Semicon Device LC75421 Datasheet HTML 24Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
No. 6866-20/24
LC75421M
(4) Bass Peaking Circuit
The equivalent circuit and the formula for calculating the external RC with a mean frequency of 100 Hz are shown
below.
• Bass band equivalent circuit diagram
• Calculation example
Specification Mean frequency: f0 = 100 Hz
Gain during maximum boost: G = 11.9 dB
Let us use R1 = 0, R2 = 45.084 k
Ω, and C1 = C2 = C.
We obtain R3 from G = 11.9 dB.
We obtain C from mean frequency f0 = 100 Hz.
We obtain Q.
C1
C2
R1
R2
R3
G
+11.9 dB
= 20 × LOG
10
1
+
R2
2R3
R3
=
R2
2 1011.9dB/20 –1
45084
2
× (3.936 – 1)
=
≠ 7.68 KΩ
f 0
=
R3R2C1C2
1
2
π
C
=
=
1
2
πf0 R3R2
1
2
π × 100 45084 × 7680
≠ 0.082 µF
Q
=
R3R2
R3R2
2R3
1
•
≠ 1.66
Simulation Results
Setting
f = 100 Hz
f = 1 kHz
11.9 dB
11.88
0.00
10.2 dB
10.38
0.00
8.5 dB
8.79
0.00
6.8 dB
7.14
0.00
5.1 dB
5.42
0.00
3.4 dB
3.66
0.00
1.7 dB
1.85
0.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com