Electronic Components Datasheet Search
  English  ▼

X  

LC75421 Datasheet(PDF) 15 Page - Sanyo Semicon Device

Part # LC75421
Description  Electronic Volume Controller for Cars
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75421 Datasheet(HTML) 15 Page - Sanyo Semicon Device

Back Button LC75421 Datasheet HTML 11Page - Sanyo Semicon Device LC75421 Datasheet HTML 12Page - Sanyo Semicon Device LC75421 Datasheet HTML 13Page - Sanyo Semicon Device LC75421 Datasheet HTML 14Page - Sanyo Semicon Device LC75421 Datasheet HTML 15Page - Sanyo Semicon Device LC75421 Datasheet HTML 16Page - Sanyo Semicon Device LC75421 Datasheet HTML 17Page - Sanyo Semicon Device LC75421 Datasheet HTML 18Page - Sanyo Semicon Device LC75421 Datasheet HTML 19Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Tone Circuit Constant Calculation Examples
Super Bass Band Circuit
The equivalent circuit and the formula for calculating the external RC with a mean frequency of 68 Hz are shown
below.
• Super bass band equivalent circuit block diagram
• Calculation example
Specification Mean frequency: f0 = 68 Hz
Gain during maximum boost: G = 20 dB
Let us use R1 = 0, R2 = 66.6 k
Ω, and C1 = C2 = C.
We obtain R3 from G = 20 dB.
We obtain C from mean frequency f0 = 68 Hz.
We obtain Q.
No. 6866-15/24
LC75421M
C1
R1
R2
R3
C2
G
+20 dB
= 20 × LOG
10
1
+
R2
2R3
R3
=
R2
2 10G+20dB/20 –1
66600
2
× (10 – 1)
=
≠ 3.7 KΩ
f 0
=
R3R2C1C2
1
2
π
C
=
=
1
2
πf0 R3R2
1
2
π × 68 66600 × 3700
≠ 0.15 µF
Q
=
R3R2
R3R2
2R3
1
≠ 2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com