Electronic Components Datasheet Search
  English  ▼

X  

LC75804 Datasheet(PDF) 16 Page - Sanyo Semicon Device

Part # LC75804
Description  1/3, 1/4 Duty LCD Display Drivers with Key Input Function
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75804 Datasheet(HTML) 16 Page - Sanyo Semicon Device

Back Button LC75804 Datasheet HTML 12Page - Sanyo Semicon Device LC75804 Datasheet HTML 13Page - Sanyo Semicon Device LC75804 Datasheet HTML 14Page - Sanyo Semicon Device LC75804 Datasheet HTML 15Page - Sanyo Semicon Device LC75804 Datasheet HTML 16Page - Sanyo Semicon Device LC75804 Datasheet HTML 17Page - Sanyo Semicon Device LC75804 Datasheet HTML 18Page - Sanyo Semicon Device LC75804 Datasheet HTML 19Page - Sanyo Semicon Device LC75804 Datasheet HTML 20Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Output Data
1. KD1 to KD30 : Key data
When a key matrix of up to 30 keys is formed from the KS1 to KS6 output pins and the KI1 to KI5 input pins and
one of those keys is pressed, the key output data corresponding to that key will be set to 1. The table shows the
relationship between those pins and the key data bits.
When the KS1/S75 and KS2/S76 output pins are selected to be segment outputs by control data bits K0 and K1 and a
key matrix of up to 20 keys is formed using the KS3 to KS6 output pins and the KI1 to KI5 input pins, the KD1 to
KD10 key data bits will be set to 0.
2. SA : Sleep acknowledge data
This output data bit is set to the state when the key was pressed. Also, while DO will be low in this case, if serial data
is input and the mode is set (to normal or sleep mode) during this period, that mode will be set. SA will be 1 in sleep
mode and 0 in normal mode.
Sleep Mode Functions
Sleep mode is set up by setting S0 or S1 in the control data to 1. The segment outputs will all go low and the common
outputs will also go low, and the oscillator on the OSC pin will stop (it will be started by a key press). This reduces
power dissipation. This mode is cleared by sending control data with both S0 and S1 set to 0. However, note that the
S1/P1 to S8/P8 outputs can be used as general-purpose output ports according to the state of the P0 to P3 control data
bits, even in sleep mode. (See the control data description for details.)
No. 6266-16/37
LC75804E, LC75804W
KI1
KI2
KI3
KI4
KI5
KS1/S75
KD1
KD2
KD3
KD4
KD5
KS2/S76
KD6
KD7
KD8
KD9
KD10
KS3
KD11
KD12
KD13
KD14
KD15
KS4
KD16
KD17
KD18
KD19
KD20
KS5
KD21
KD22
KD23
KD24
KD25
KS6
KD26
KD27
KD28
KD29
KD30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com