Electronic Components Datasheet Search
  English  ▼

X  

LC75804 Datasheet(PDF) 35 Page - Sanyo Semicon Device

Part # LC75804
Description  1/3, 1/4 Duty LCD Display Drivers with Key Input Function
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75804 Datasheet(HTML) 35 Page - Sanyo Semicon Device

Back Button LC75804 Datasheet HTML 29Page - Sanyo Semicon Device LC75804 Datasheet HTML 30Page - Sanyo Semicon Device LC75804 Datasheet HTML 31Page - Sanyo Semicon Device LC75804 Datasheet HTML 32Page - Sanyo Semicon Device LC75804 Datasheet HTML 33Page - Sanyo Semicon Device LC75804 Datasheet HTML 34Page - Sanyo Semicon Device LC75804 Datasheet HTML 35Page - Sanyo Semicon Device LC75804 Datasheet HTML 36Page - Sanyo Semicon Device LC75804 Datasheet HTML 37Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
Notes on the controller key data read techniques
1. Timer based key data acquisition
(1) Flowchart
(2) Timing chart
(3) Explanation
In this technique, the controller uses a timer to determine key on/off states and read the key data. The controller must
check the DO state when CE is low every t9 period without fail. If DO is low, the controller recognizes that a key has
been pressed and executes the key data read operation.
The period t9 in this technique must satisfy the following condition.
t9>t6+t7+t8
If a key data read operation is executed when DO is high, the read key data (KD1 to KD30) and sleep acknowledge
data (SA) will be invalid.
No. 6266-35/37
LC75804E, LC75804W
YES
NO
DO = [L]
CE = [L]
DO
DI
CE
Key on
Key on
t6
t9
t9
t9
t9
t5
t8
t8
t7
t7
t5
t7
t8
t5
t5: Key scan execution time when the key data agreed for two key scans. (615T(s))
t6: Key scan execution time when the key data did not agree for two key scans and the key scan was executed again. (1230T(s))
t7: Key address (43H) transfer time
t8: Key data read time
1
T = ———
fosc
Key data read
processing
Key input
Key scan
Key data read request
Key data read
Key address
Controller
determination
(Key on)
Controller
determination
(Key on)
Controller
determination
(Key off)
Controller
determination
(Key on)
Controller
determination
(Key off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com