Electronic Components Datasheet Search
  English  ▼

X  

LC75804 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC75804
Description  1/3, 1/4 Duty LCD Display Drivers with Key Input Function
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75804 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC75804 Datasheet HTML 1Page - Sanyo Semicon Device LC75804 Datasheet HTML 2Page - Sanyo Semicon Device LC75804 Datasheet HTML 3Page - Sanyo Semicon Device LC75804 Datasheet HTML 4Page - Sanyo Semicon Device LC75804 Datasheet HTML 5Page - Sanyo Semicon Device LC75804 Datasheet HTML 6Page - Sanyo Semicon Device LC75804 Datasheet HTML 7Page - Sanyo Semicon Device LC75804 Datasheet HTML 8Page - Sanyo Semicon Device LC75804 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
No. 6266-3/37
LC75804E, LC75804W
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Hysteresis
VH
CE, CL, DI, RES, KI1 to KI5
0.1 VDD
V
Power-down detection voltage
VDET
2.5
3.0
3.5
V
Input high level current
IIH
CE, CL, DI, RES: VI = 6.0 V
5.0
µA
Input low level current
IIL
CE, CL, DI, RES: VI = 0 V
–5.0
µA
Input floating voltage
VIF
KI1 to KI5
0.05 VDD
V
Pull-down resistance
RPD
KI1 to KI5: VDD = 5.0 V
50
100
250
k
Ω
Output off leakage current
IOFFH
DO: VO = 6.0 V
6.0
µA
VOH1
KS1 to KS6: IO = –500 µA
VLCD – 1.0 VLCD – 0.5 VLCD – 0.2
Output high level voltage
VOH2
P1 to P8: IO = –1 mA
VLCD – 1.0
V
VOH3
S1 to S76: IO = –20 µA
VLCD – 1.0
VOH4
COM1 to COM4: IO = –100 µA
VLCD – 1.0
VOL1
KS1 to KS6: IO = 25 µA
0.2
0.5
1.5
VOL2
P1 to P8: IO = 1 mA
1.0
Output low level voltage
VOL3
S1 to S76: IO = 20 µA
1.0
V
VOL4
COM1 to COM4: IO = 100 µA
1.0
VOL5
DO: IO = 1 mA
0.1
0.5
VMID1
COM1 to COM4: 1/2 bias, IO = ±100 µA
1/2 VLCD – 1.0
1/2 VLCD + 1.0
VMID2
S1 to S76: 1/3 bias,IO = ±20 µA
2/3 VLCD – 1.0
2/3 VLCD + 1.0
Output middle level voltage *2
VMID3
S1 to S76: 1/3 bias, IO = ±20 µA
1/3 VLCD – 1.0
1/3 VLCD + 1.0
V
VMID4
COM1 to COM4: 1/3 bias,IO = ±100 µA
2/3 VLCD – 1.0
2/3 VLCD + 1.0
VMID5
COM1 to COM4: 1/3 bias,IO = ±100 µA
1/3 VLCD – 1.0
1/3 VLCD + 1.0
Oscillator frequency
fosc
OSC: ROSC = 39 kΩ, COSC = 1000 pF
30.4
38
45.6
kHz
IDD1
VDD :Sleep mode
100
IDD2
VDD: VDD = 6.0 V, output open,fosc = 38 kHz
270
540
Current drain
ILCD1
VLCD : Sleep mode
5
µA
ILCD2
VLCD: VLCD = 6.0 V, output open, 1/2 bias,
200
400
fosc = 38 kHz
ILCD3
VLCD: VLCD = 6.0 V, output open, 1/3 bias,
120
240
fosc = 38 kHz
Electrical Characteristics for the Allowable Operating Ranges
Nete: *2. Excluding the bias voltage generation divider resistor built into VLCD1 and VLCD2. (See Figure 1.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com