Electronic Components Datasheet Search
  English  ▼

X  

LC75804 Datasheet(PDF) 34 Page - Sanyo Semicon Device

Part # LC75804
Description  1/3, 1/4 Duty LCD Display Drivers with Key Input Function
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75804 Datasheet(HTML) 34 Page - Sanyo Semicon Device

Back Button LC75804 Datasheet HTML 29Page - Sanyo Semicon Device LC75804 Datasheet HTML 30Page - Sanyo Semicon Device LC75804 Datasheet HTML 31Page - Sanyo Semicon Device LC75804 Datasheet HTML 32Page - Sanyo Semicon Device LC75804 Datasheet HTML 33Page - Sanyo Semicon Device LC75804 Datasheet HTML 34Page - Sanyo Semicon Device LC75804 Datasheet HTML 35Page - Sanyo Semicon Device LC75804 Datasheet HTML 36Page - Sanyo Semicon Device LC75804 Datasheet HTML 37Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
No. 6266-34/37
LC75804E, LC75804W
Sample Application Circuit 8
1/4 duty, 1/3 bias (for use with large panels)
+5.5V
+5V
*9
C
C
R
R
R
*11
S73
S9
P1/S1
P2/S2
P8/S8
(P1)
(P2)
(S75)
(S76)
(P8)
COM1
COM2
COM3
S74/COM4
VDD
OSC
DO
DI
CL
*10
RES
CE
VLCD1
VLCD2
VLCD
TEST
VSS
S
7
6
/
K
S
2
S
7
5
/
K
S
1
K
S
3
K
S
4
K
I
1
K
I
2
K
I
3
K
I
4
K
I
5
K
S
5
K
S
6
Notes on transferring display data from the controller
When using the LC75804E/W in 1/3 duty, applications transfer the display data (D1 to D228) in three operations, and in
1/4 duty, they transfer the display data (D1 to D300) in four operations. In either case, applications should transfer all of
the display data within 30 ms to maintain the quality of the displayed image.
From the controller
10 k
Ω ≥ R ≥ 1 kΩ
C
≥ 0.047 µF
(general-purpose output ports)
Used with the backlight
controller or other circuit.
To the controller
To the controller
power supply
Key matrix
(up to 30 keys)
Notes:*9. Add a capacitor to the logic block power supply line so that the logic block power supply voltage VDD rise time when power is applied and the logic
block power supply voltage VDD fall time when power drops are both at least 1 ms, as the LC75804E/W is reset by the VDET.
*10. If the RES pin is not used for system reset, it must be connected to the logic block power supply VDD.
*11. The DO pin, being an open-drain output, requires a pull-up resistor. Select a resistance (between 1 to 10 k
Ω) appropriate for the capacitance of
the external wiring so that signal waveforms are not degraded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com